Electronic Components Datasheet Search
  English  ▼

X  

SE2425U Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2425U
Description  RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2425U Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2425U Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SE2425U
RangeCharger
TM 2.4 GHz Bluetooth Power Amplifier IC
Preliminary Information
165-DST-01 Rev 1.3 Apr-05-2006
Confidential
1 of 10
QA040506
Applications
Bluetooth
tm wireless technology (Class 1)
USB dongles, PCMCIA, flash cards, Access Points
Enhanced data rate
Features
Integrated input and inter-stage match
+25 dBm GFSK Output Power
+19.5 dBm 8DPSK Output Power
Low current: 110 mA typical @ POUT = +20 dBm
Ultra low quiescent current: 28 mA
Digital Enable for direct interface to standard
CMOS processors
Mode-control for easy switching between standard
and EDR modes
Gain: 29 dB
3.3 V single supply operation
Ordering Information
Type
Package
Remark
SE2425U
3 x 3 x 0.5 mm QFN
Sample
SE2425U-R
3 x 3 x 0.5 mm QFN
Tape & Reel
SE2425U-EK1
N/A
Evaluation Kit
Product Description
A monolithic, high-efficiency, silicon-germanium power
amplifier IC, the SE2425U is designed for 2.4 GHz
wireless applications, including Bluetooth
TM Class 1
basic rate and enhanced data rate applications. It
delivers +25 dBm output power in standard rate GFSK
mode and +19.5 dBm output power in enhanced rate
8DPSK.
The SE2425U provides a digital mode control input for
boosting the linear performance for enhanced data rate
applications.
The SE2425U operates at 3.3 V DC with a peak
efficiency of 43 % in basic rate and 21 % in enhanced
rate mode. The internal bias management allows the
part to only draw 28 mA in Class 2 output power levels.
Output match integrates the high Q inductors to reduce
component count and bill of materials. It uses two
external capacitors to allow for varying loads, such as
switches and filters, in different applications.
The
silicon/silicon-germanium
structure
of
the
SE2425U, and its exposed die-pad package, soldered
to the system PCB, provide high thermal conductivity
and a subsequently low junction temperature. This
device is capable of operating at a duty cycle of 100
percent.
Functional Block Diagram
Input
Match
Inter-
Stage
Match
EN
( 4 )
MODE
( 5 )
VCC0
( 2 )
RF IN
( 1 )
RF OUT
( 7 )
GND
( Paddle )
Inter-
Stage
Match
Digital Bias & Enable Logic
VCC2
( 15 )
VCC1
( 16 )
VCC3
( 14 )
SiGe SE2425U
Figure 1: SE2425U Block Diagram


Similar Part No. - SE2425U

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2425U-R SKYWORKS-SE2425U-R Datasheet
1Mb / 17P
The Right Products for Your System Applications
More results

Similar Description - SE2425U

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423MB SIGE-PA2423MB Datasheet
370Kb / 10P
2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423U SIGE-PA2423U Datasheet
230Kb / 10P
RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com