Electronic Components Datasheet Search
  English  ▼

X  

SE2425U Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # SE2425U
Description  RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2425U Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  SE2425U Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SE2425U
RangeCharger
TM 2.4 GHz Bluetooth Power Amplifier IC
Preliminary Information
165-DST-01 Rev 1.3 Apr-05-2006
Confidential
5 of 10
QA040506
Typical Performance Characteristics
Low Mode
Test Conditions: VEN = VCC0 = VCC1 = VCC2 = VCC3 = 3.3 V, MODE = Low, TC = 25
°C, f = 2.45 GHz, as measured on
SiGe’s SE2425U-EV1 evaluation board otherwise noted
Output Power vs. Input Power
(25 C, 3.3 V, 2.45 GHz, Low Mode)
0
5
10
15
20
25
-30
-25
-20
-15
-10
-5
0
Input Pow er (dBm )
Icc vs. Output Power
(25C, 3.3 V, 2.45 GHz, Low Mode)
0
0.05
0.1
0.15
0.2
0.25
0
5
10
15
20
25
Output Pow er (dBm )
Figure 3: Typical Performance Data in Low Mode (a) Output Power vs. Input Power, (b) Current vs. Output
Power
2MBit ACPR 2MHz Offset over Output Power
(25 C, 2.45 GHz, Low Mode)
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
16
17
18
19
20
21
Output Pow er (dBm )
2.7V, -2MHz
2.7V, +2MHz
3.3V, -2MHz
3.3V, +2MHz
3.6V, -2MHz
3.6V, +2MHz
2MBit ACPR 3MHz Offset vs. Output Power over Voltage
(25 C, 2.45 GHz, Low Mode)
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
-36
14
15
16
17
18
19
Output Pow er (dBm )
2.7V, -3MHz
2.7V, +3MHz
3.3V, -3MHz
3.3V, +3MHz
3.6V, -3MHz
3.6V, +3MHz
Figure 4: Typical 2 Mbps Enhanced Data Rate (EDR) Performance Data in Low Mode (a) ACPR @ 2 MHz
Offset vs. Output Power over Voltage (b) ACPR @ 3 MHz Offset vs. Output Power over voltage
3MBit ACPR 2MHz Offset vs. Output Power over Voltage
(25 C, 2.45 GHz, Low Mode)
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
16
17
18
19
20
21
Output Pow er (dBm )
2.7V, -2MHz
2.7V, +2MHz
3.3V, -2MHz
3.3V, +2MHz
3.6V, -2MHz
3.6V, +2MHz
3MBit ACPR 3MHz Offset vs. Output Power over Voltage
(25 C, 2.45 GHz, Low Mode)
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
-36
14
15
16
17
18
19
Output Pow er (dBm )
2.7V, -3MHz
2.7V, +3MHz
3.3V, -3MHz
3.3V, +3MHz
3.6V, -3MHz
3.6V, +3MHz
Figure 5: Typical 3 Mbps Enhanced Data Rate (EDR) Performance Data in Low Mode (a) ACPR @ 2 MHz
Offset vs. Output Power over Voltage (b) ACPR @ 3 MHz Offset vs. Output Power over voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com