Electronic Components Datasheet Search
  English  ▼

X  

FDV305 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV305
Description  N-Channel 20 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDV305 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDV305 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDV305 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDV305 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDV305 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDV305 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Applications
Load switch
Battery protection
Power management
D
S
G
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
± 12
V
ID
Drain Current – Continuous
0.9
A
– Pulsed
2
PD
Maximum Power Dissipation
0.35
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
357
°C/W
N-Channel 20 V (D-S) MOSFET
FDV305
Rev:2023A2
1
SOT–23
1. GATE
2. SOURCE
3. DRAIN
Features
VDS (V) = 20V
RDS(ON)
45m
(V GS = 4.5V)
RDS(ON)
60m
(V GS = 2.5V)


Similar Part No. - FDV305

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDV305 UMW-FDV305 Datasheet
457Kb / 5P
N-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
20V N-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDV305N UMW-FDV305N Datasheet
457Kb / 5P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - FDV305

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com