Electronic Components Datasheet Search
  English  ▼

X  

B451 Datasheet(PDF) 13 Page - Kemet Corporation

Part # B451
Description  SpeedPower, Low ESR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B451 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button B451 Datasheet HTML 9Page - Kemet Corporation B451 Datasheet HTML 10Page - Kemet Corporation B451 Datasheet HTML 11Page - Kemet Corporation B451 Datasheet HTML 12Page - Kemet Corporation B451 Datasheet HTML 13Page - Kemet Corporation B451 Datasheet HTML 14Page - Kemet Corporation B451 Datasheet HTML 15Page - Kemet Corporation B451 Datasheet HTML 16Page - Kemet Corporation B451 Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
CR
(20
°C,
120 Hz)
µF
Case size
DFmax
(20
°C,
120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
ESRmax
(20
°C,
100 kHz)
m
Ω
IAC,max
(20
°C,
100 kHz)
A
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
33
B
6
2.1
500
0.41
B45006B336*+507
33
B
6
2.1
600
0.35
B45197A1336+20*
33
C
6
2.1
300
0.61
B45006C336*+307
33
C
6
2.1
350
0.56
B45197A1336+30*
47
A
15
3.0
2000
0.19
B45006A476*M208 q
47
B
6
3.0
250
0.58
B45006B476*+257 q
47
B
6
3.0
400
0.46
B45006B476*+407
47
B
6
3.0
500
0.41
B45197A1476+20*
47
C
6
3.0
250
0.66
B45006C476*+257
47
C
6
3.0
300
0.61
B45006C476*+307
47
C
6
3.0
330
0.58
B45197A1476+30*
68
B
6
4.3
250
0.58
B45006B686*+257 q
68
B
6
4.3
350
0.49
B45006B686*+357
68
B
6
4.3
500
0.41
B45197A1686+20*
68
C
6
4.3
150
0.86
B45006C686*+157
68
C
6
4.3
200
0.74
B45006C686*+207
68
C
6
4.3
400
0.52
B45197A1686+30*
68
D
6
4.3
180
0.93
B45197A1686+40*
100
B
8
6.3
250
0.58
B45006B107*+257 q
100
B
8
6.3
300
0.53
B45006B107*+307
100
C
8
6.3
150
0.86
B45197A1107+30*
100
D
8
6.3
130
1.10
B45197A1107+40*
150
B
15
9.5
700
0.35
B45006B157*M707 q
150
C
8
9.5
150
0.86
B45006C157*+157 q
150
C
8
9.5
200
0.74
B45006C157*+207
150
D
8
9.5
50
1.73
B45006D157*+506 q
150
D
8
9.5
65
1.52
B45006D157*+656 q
150
D
8
9.5
80
1.37
B45006D157*+806
150
D
8
9.5
100
1.22
B45197A1157+40*
150
E
8
9.5
100
1.28
B45197A1157+50*
220
C
15
13.9
100
1.05
B45006C227*+107 q
220
C
15
13.9
200
0.74
B45197A1227+30*
220
D
10
13.9
50
1.73
B45006D227*+506 q
220
D
8
13.9
100
1.22
B45197A1227+40*
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 13 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com