Electronic Components Datasheet Search
  English  ▼

X  

B451 Datasheet(PDF) 22 Page - Kemet Corporation

Part # B451
Description  SpeedPower, Low ESR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B451 Datasheet(HTML) 22 Page - Kemet Corporation

Back Button B451 Datasheet HTML 18Page - Kemet Corporation B451 Datasheet HTML 19Page - Kemet Corporation B451 Datasheet HTML 20Page - Kemet Corporation B451 Datasheet HTML 21Page - Kemet Corporation B451 Datasheet HTML 22Page - Kemet Corporation B451 Datasheet HTML 23Page - Kemet Corporation B451 Datasheet HTML 24Page - Kemet Corporation B451 Datasheet HTML 25Page - Kemet Corporation B451 Datasheet HTML 26Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
CR
(20
°C,
120 Hz)
µF
Case size
DFmax
(20
°C,
120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
ESRmax
(20
°C,
100 kHz)
m
Ω
IAC,max
(20
°C,
100 kHz)
A
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
2.2
B
6
0.8
1500
0.24
B45035B225*+158
2.2
B
6
0.8
2000
0.21
B45197A6225+20*
3.3
B
6
1.2
1000
0.29
B45035B335*+108
3.3
C
6
1.2
550
0.45
B45197A6335+30*
4.7
B
6
1.6
700
0.35
B45035B475*+707 q
4.7
B
6
1.6
1000
0.29
B45035B475*+108 q
4.7
C
6
1.6
500
0.47
B45035C475*+507
4.7
D
6
1.6
300
0.71
B45197A6475+40*
6.8
C
6
2.4
350
0.56
B45035C685*+357
6.8
D
6
2.4
150
1.00
B45035D685*+157 q
6.8
D
6
2.4
300
0.71
B45197A6685+40*
6.8
E
6
2.4
300
0.74
B45197A6685+50*
10
C
6
3.5
400
0.52
B45035C106*+407
10
D
6
3.5
130
1.07
B45035D106*+137 q
10
D
6
3.5
260
0.76
B45197A6106+40*
10
E
6
3.5
200
0.91
B45035E106*+207
10
E
6
3.5
260
0.80
B45197A6106+50*
15
C
6
5.3
350
0.56
B45035C156*+357 q
15
D
6
5.3
100
1.22
B45035D156*+107 q
15
D
6
5.3
260
0.76
B45197A6156+40*
15
E
6
5.3
250
0.81
B45035E156*+257
15
E
6
5.3
260
0.80
B45197A6156+50*
22
D
6
7.7
200
0.87
B45035D226*+207
22
D
6
7.7
260
0.76
B45197A6226+40*
22
E
6
7.7
130
1.13
B45035E226*+137 q
22
E
6
7.7
180
0.96
B45035E226*+187
22
E
6
7.7
200
0.91
B45035E226*+207
22
E
6
7.7
260
0.80
B45197A6226+50*
33
D
6
11.6
200
0.87
B45035D336*+207 q
33
E
6
11.6
100
1.28
B45035E336*+107 q
33
E
6
11.6
250
0.81
B45035E336*+257
33
E
6
11.6
260
0.80
B45197A6336+50*
47
E
6
16.5
200
0.91
B45035E476*+207 q
47
E
6
16.5
230
0.85
B45197A6476+50*
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 22 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com