Electronic Components Datasheet Search
  English  ▼

X  

B451 Datasheet(PDF) 14 Page - Kemet Corporation

Part # B451
Description  SpeedPower, Low ESR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B451 Datasheet(HTML) 14 Page - Kemet Corporation

Back Button B451 Datasheet HTML 10Page - Kemet Corporation B451 Datasheet HTML 11Page - Kemet Corporation B451 Datasheet HTML 12Page - Kemet Corporation B451 Datasheet HTML 13Page - Kemet Corporation B451 Datasheet HTML 14Page - Kemet Corporation B451 Datasheet HTML 15Page - Kemet Corporation B451 Datasheet HTML 16Page - Kemet Corporation B451 Datasheet HTML 17Page - Kemet Corporation B451 Datasheet HTML 18Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
CR
(20
°C,
120 Hz)
µF
Case size
DFmax
(20
°C,
120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
ESRmax
(20
°C,
100 kHz)
m
Ω
IAC,max
(20
°C,
100 kHz)
A
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
220
E
8
13.9
80
1.44
B45006E227*+806
220
E
8
13.9
100
1.28
B45197A1227+50*
330
C
15
20.8
200
0.74
B45006C337*+207 q
330
D
12
20.8
45
1.83
B45006D337*+456 q
330
D
12
20.8
100
1.22
B45197A1337+40*
330
E
12
20.8
50
1.82
B45006E337*+506 q
330
E
8
20.8
80
1.44
B45006E337*+806
330
E
8
20.8
100
1.28
B45197A1337+50*
470
D
15
29.6
100
1.22
B45006D477*+107
470
D
15
29.6
150
1.00
B45197A1477+40*
470
E
12
29.6
45
1.91
B45006E477*+456 q
470
E
12
29.6
60
1.66
B45006E477*+606
470
E
12
29.6
100
1.28
B45197A1477+50*
680
D
15
42.8
150
1.00
B45006D687*+157 q
680
E
15
42.8
45
1.91
B45006E687*+456 q
680
E
15
42.8
60
1.66
B45006E687*+606 q
680
E
15
42.8
100
1.28
B45197A1687+50*
1000
E
20
63.0
100
1.28
B45197A1108+50* q
VR (up to 85
°C) = 10 VDC, V
R (up to 125
°C) = 6.3 VDC
1.5
A
6
0.5
5000
0.12
B45010A155*+508
2.2
A
6
0.5
1800
0.20
B45010A225*+188 q
2.2
A
6
0.5
2000
0.19
B45010A225*+208
3.3
A
6
0.5
2000
0.19
B45010A335*+208
4.7
A
6
0.5
1400
0.23
B45010A475*+148 q
4.7
A
6
0.5
2000
0.19
B45010A475*+208
4.7
B
6
0.5
1500
0.24
B45197A2475+20*
6.8
A
6
0.7
1800
0.20
B45010A685*+188 q
6.8
A
6
0.7
2000
0.19
B45010A685*+208
6.8
B
6
0.7
1200
0.27
B45197A2685+20*
10
A
6
1.0
900
0.29
B45010A106*+907 q
10
A
6
1.0
2000
0.19
B45010A106*+208
10
B
6
1.0
600
0.38
B45010B106*+607 q
10
B
6
1.0
750
0.34
B45010B106*+757
10
B
6
1.0
1200
0.27
B45197A2106+20*
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 14 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com