Electronic Components Datasheet Search
  English  ▼

X  

AMC8500 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AMC8500
Description  TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC8500 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AMC8500 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 15Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 16Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Preliminary Specification
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A04018
aMC8500
- 13 -
When powering an unbuffered Hall sensor from motor voltage VM,
resistor R1 is required. This resistor sets the Hall operating current
and places the output within the input common mode voltage range
of the Hall Amplifier.
Unbuffered Hall sensors that require less than 10 mA can be
powered directly from the Reference output thus eliminating the
need for bias resistor R1. This bias method will disable the
automatic power down feature if the sensors require more than
2.0 mA.
The Op Amp output can be used as alternative method for powering
unbuffered Hall sensors that require less than 10 mA. This method
eliminates the need for bias resistor R1 while also preserving the
automatic power down feature. With this bias method the reference
output is essentially unloaded.
Pull-up resistor R1 is required when using buffered Hall sensors that
have an open collector output. Resistors R2 and R3 bias the unused
amplifier input to a level that is within its input common mode range.
Resistor R1 is required for buffered Hall sensors with an open
collector output. Resistors R2 and R3 can be eliminated by biasing
the unused amplifier input from the reference.
Figure 20- Motor Supply Powered Unbuffered Hall
Figure 22- Op Amp Powered Unbuffered Hall
Figure 24- Reference Biased Buffered Hall
With the addition of an economical PNP transistor, the Reference
output current can be boosted above 100 mA. This simple buffer
circuit will not have the benefit of maintaining short circuit protection.
Asahi Kasei
HW-101A
R1
H
VDD
Under Voltage
Lockout
Hall Amplifier
Non-Overlap
Commutation
12
VM
3
4
H
VDD
Under Voltage
Lockout
Hall Amplifier
Non-Overlap
Commutation
12
VM
3
4
Toshiba
TSH124
Reference
9
8
7
5
Op Amp
VM
VDD
Under Voltage
Lockout
Hall Amplifier
Non-Overlap
Commutation
12
3
4
Reference
5
Ana Chip
ATS177
R1
H
Figure 21- Reference Powered Unbuffered Hall
VM
H
VDD
Under Voltage
Lockout
Hall Amplifier
Non-Overlap
Commutation
12
3
4
Toshiba
TSH124
Reference
5
Figure 23- Motor Supply Biased Buffered Hall
Ana Chip
ATS177
R1
H
VDD
Under Voltage
Lockout
Hall Amplifier
Non-Overlap
Commutation
12
VM
3
4
R2
R3
Figure 25- Reference Buffer
5
VM
VDD
Under Voltage
Lockout
12
Reference
100
KEC
KTA1270
Load
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com