Electronic Components Datasheet Search
  English  ▼

X  

AMC8500 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AMC8500
Description  TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC8500 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AMC8500 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Preliminary Specification
aMC8500
REFERENCE
(Pin 5)
Output Voltage (IO = 5.0 mA)
Vref
3.325
3.5
3.675
V
Line Regulation (VDD = 6.0 V to 15 V, IO = 5.0 mA)
Refline
-
2.0
30
mV
Load Regulation (VDD = 6.0 V, IO = 1.0 mA to 10 mA)
Refload
-
11
30
mV
Short Circuit Current (Note 4)
ISC
-
50
-
mA
Reference Output Load Current For Automatic Power Down Feature
(Pin 10 = 500 mV, Pin 14 = Gnd, t > 2.0s)
(Pin 10 = 3.5 V, Pin 14 = Open, t > 2.0s)
Enabled
Disabled
IO(PD)
-
2.0
1.4
1.6
1.0
-
mA
FAULT TIMER
Drive Enabled Time During A Fault Condition
ton(Flt)
-
0.25
-
s
Drive Disabled Time Before Restart
toff(Flt)
-
2.0
-
s
KICK START TIMER
Motor Kick Start Time (100% duty cycle applied)
ton(KS)
-
1.0
-
s
FREQUENCY GENERATOR / ROTOR LOCK
(Pin 15)
Low State Output Sink Voltage (Isink = 1.0 mA)
VOL(FG/RL)
-
0.13
0.25
V
Off-State Leakage Current (Voff = 12 V)
Ioff(Tach)
-
0.1
1.0
µA
Minimum Hall Frequency For Rotor Lock Output High State
fRL(min)
-
4.0
-
Hz
MOTOR DRIVES
(Pin 1, 16)
Low State Output Voltage (Isink = 500 mA)
VOL(Drv)
-
250
300
mV
Off-State Leakage Current (Voff = 30 V)
Ioff(Drv)
-
-
5.0
µA
Current Limit Threshold (Pin 2 open, Note 4)
ILim
900
1100
1300
mA
Non-Overlapping Commutation Delay
tdly(Com)
-
40
-
µs
TOTAL DEVICE
(Pin 12)
Power Supply Threshold Voltage
Start-Up (VDD increasing)
Hysteresis (VDD decreasing after turn-on)
Vth(on)
VH
-
-
4.7
500
-
-
V
mV
Power Supply Current
Operating
Power Down (Pin 10 = 0.5 V, IO(ref) ≤1.0 mA, t > 2.0s, Pin 14 = Gnd)
IS
IS(PwrDn)
-
-
1.6
130
2.0
200
mA
µA
- 4 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A04018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com