Electronic Components Datasheet Search
  English  ▼

X  

AMC8500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMC8500
Description  TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC8500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMC8500 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Preliminary Specification
- 2 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A04018
aMC8500
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Rating
Unit
Power Supply Voltage (Pin 12)
VDD
-0.3 to 18
V
Hall Input Voltage Range (Pin 3, 4)
VIR(Hall)
-0.3 to VDD
V
Speed Control Input Voltage Range (Pin 10)
VIR(S)
-0.3 to VDD
V
Minimum Speed Set Input Voltage Range (Pin 6)
VIR(MSS)
-0.3 to VDD
V
Reference Output Load Current (Pin 5)
IO(Ref)
Internally
Limited
mA
Op Amp Input Voltage Range (Pin 7, 8)
VIR(OA)
-0.3 to VDD
V
Op Amp Output (Pin 9, Note 4)
Voltage Range
Source or Sink Current
VOR(OA)
IO(OA)
-0.3 to VDD
30
V
mA
Slope Select Input Voltage Range (Pin 14)
VIR(LS)
-0.3 to VREF
V
Current Limit Set Input Voltage Range (Pin 2)
VIR(ILim)
-0.3 to VREF
V
Frequency Generator / Rotor Lock Output (Pin 15)
Voltage Range
Sink Current
VOR(FG/RL)
ISink(FG/RL)
-0.3 to 18
20
V
mA
Drive Outputs (Pin 1, 16, Note 4)
Voltage Range
Sink Current
Source Current
VD(Ø1/Ø2)
ISink(Ø1/Ø2)
ISource(Ø1/Ø2)
-0.3V to 36
1.5
-1.5
V
A
A
Thermal Characteristics
SOP-16 Exposed Pad Package
Thermal Resistance, Junction to Air
Thermal Resistance, Junction to Pad
QSOP-16 Package
Thermal Resistance, Junction to Air
RØJA
RØJC
RØJA
92
15
136
°C/W
Operating Junction Temperature Range
TJ(max)
-40
°C to 125
°C
Storage Temperature Range
Tstg
-60
°C to 150
°C
IR Reflow Peak Temperature
Treflow
260
°C
Lead Soldering Temperature (10 sec)
Tlead
300
°C
Electrostatic Discharge (Note 2)
Human Body Model
Machine Model
ESD
2000
250
V
Notes:
1. Absolute maximum ratings are limits beyond which operation may cause permanent damage to the device.
These are stress ratings only. Functional operation at or above these limits is not implied.
2. Human Body Model: 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Machine Model: 200 pF capacitor discharged directly into each pin.
3. These specifications are guaranteed only for the test conditions listed.
4. Maximum package power dissipation limits must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com