Electronic Components Datasheet Search
  English  ▼

X  

ASC7531A Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ASC7531A
Description  LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7531A Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ASC7531A Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 9Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 10Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
- 10 -
© Andigilog, Inc. 2006
www.andigilog.com
December 2006 - 70A05012
aSC7531A / aSC7531B
8
8
8
8
RAM Addr
Write Data
Write Data
FCS
0x20
0x25
0x28
0x1B
Figure 11. Example Register Write
ReadReg()
Reads from the sensor’s internal registers.
Write Data Length:
0x02 (command + address)
Read Data Length:
N (Number of bytes to read)
Command Code:
0xE1
Example bus transaction to read a sensor located at address 0x48. This example reads 2 consecutive locations (0x20 and 0x21).
8
8
8
8
Target Address
Write Length
Read Length
Command
0x48
0x02
0x02
0xE1
8
8
8
8
RAM Addr
FCS
Read Data
Read Data
FCS
0x20
0x9D
0x25
0x28
0x37
Figure 12. Example Register Read
VenCmdEnable()
Vendor Command Enable enables the Vendor Specified Extensions.
Write Data Length:
0x01
Read Data Length:
0x00
Command Code:
0xE2
8
8
8
8
8
Target Address
Write Length
Read Length
Command
FCS
0x48
0x01
0x00
0xE2
0xE0
Figure 13. Vendor Command Enable
VenCmdDisable()
Vendor Command Disable disables the Vendor Specified Extensions.
Write Data Length:
0x01
Read Data Length:
0x00
Command Code:
0xE3
8
8
8
8
8
Target Address
Write Length
Read Length
Command
FCS
0x48
0x01
0x00
0xE3
0xE7
Figure 14. Vendor Command Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com