Electronic Components Datasheet Search
  English  ▼

X  

ASC7531A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASC7531A
Description  LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7531A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASC7531A Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
- 1 -
© Andigilog, Inc. 2006
www.andigilog.com
December 2006 - 70A05012
LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR
V
AND
OLTAGE
MONITOR
aSC7531A / aSC7531B
PRODUCT SPECIFICATION
Product Description
The aSC7531 is a high-precision CMOS temperature sensor
and voltage monitor with Simple Serial Transport (SST)
compatible serial digital interface, intended for use in PC
hardware monitor applications.
Communication of device capabilities, temperature and voltage
readings take place over the high-speed bi-directional SST
interface.
The SST temperature sensor provides a means for an analog
signal to travel over a digital bus enabling remote temperature
sensing in areas previously not monitored in the PC. The
temperature sensor supports an internal and external thermal
diode. aSC7531A is used with 2N3904 transistor connected as
a remote diode, aSC7531B is used with CPU substrate diode.
The aSC7531 is available in MSOP-10 surface mount
package.
Features
•
On-chip and remote temperature sensors
•
Accuracy:
o
+/- 3°C over operational range
o
Internal +/- 2°C over 40°C to 70°C
o
Remote +/- 1°C over 50°C to 70°C
•
Operational Range: -40°C to 125°C
•
Temperature resolution: 0.125°C
•
Voltage monitoring of 12V, 5V, 3.3V, 2.5V and Vccp
to +/- 2% accuracy, 7.8mV resolution
•
1-wire SST serial interface
•
Negotiable SST signaling rate up to 2-Mbps
•
Internally corrected for diode non-ideality and series
resistance
•
3-state address pin sets one of 3 SST bus address
0x48 through 0x4A
•
10-lead MSOP package
•
MSL-1 per JEDEC J-STD-020C
•
Pb-free Matte Sn lead finish & RoHS Compliant
Packages
Pin Configuration
SST
1
2
3
4
GND
D-
9
ADD0
VDD
D+
2.5V
8
Applications
Desktop and Notebook Computers
Application Diagram
Ordering Information
Part Number
Package
Temp. Range and Operating Voltage
Marking
Supplied In
aSC7531AM10
10-Lead
MSOP
-40°C to 125°C, 3.3V
531A
Ayww
2500 units Tape &
Reel
aSC7531BM10
10-Lead
MSOP
-40°C to 125°C, 3.3V
531B
Ayww
2500 units Tape &
Reel
Ayww – Assembly site, year, workweek
6
7
aSC7531A/
aSC7531B
VCCP
3.3V
aSC7531A/
aSC7531B
SST
Interface
SST
ADD0
1
3
4
10
2
9
12V
5
5V
12V
10
5
5V
2N3904
VCCP
2.5V
8
7
6
CPU
with aSC7531A
with aSC7531B


Similar Part No. - ASC7531A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511D8 ETC2-ASC7511D8 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511M8 ETC2-ASC7511M8 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
ASC7512D8 ETC2-ASC7512D8 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results

Similar Description - ASC7531A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
7/06-Revision 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
9/06-Revision 0
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75_06 Datasheet
359Kb / 16P
Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
List of Unclassifed Man...
ASC7521A ETC2-ASC7521A Datasheet
276Kb / 18P
LOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com