Electronic Components Datasheet Search
  English  ▼

X  

ATS75 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ATS75
Description  LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS75 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ATS75 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 13Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 14Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
- 11 -
© Andigilog, Inc. 2005
www.andigilog.com
April 2006 - 70A03204
aTS75
Figure 8. Pointer set followed by immediate read from a 2-byte register (Temperature, TOS, or THYST Register)
0
0
0
0
0
0
P1
P0
A2
A1
A0
Address Byte
Pointer Byte
1
1
0
0
R/W
S
A
A
Ack
from
aTS75
Ack
from
aTS75
....
Note: This segment of this timing diagram is a generic
pointer set cycle which must be followed by either an
immediate read cycle or write cycle as shown in this
figure and in figures 10, 11, and 12.
SCL
SDA
Most Significant Data
Byte
(from aTS75)
Least Significant Data Byte
(from aTS75)
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
D7
D6
D5
D4
0
0
0
0
Address Byte
1
1
0
0
R/W
S
P
A
A
N
Ack
from
aTS75
Ack
from
Master
No Ack
from
Master
Repeat
Start
from
...
SCL
SDA
Figure 9. Two-byte read from preset pointer location (Temperature, TOS, or THYST Register)
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
D7
D6
D5
D4
0
0
0
0
Address
Byte
Most Significant Data
Byte
(from aTS75)
1
1
0
0
R/W
Least Significant Data
Byte
(from aTS75)
S
P
A
A
N
Ack
from
aTS75
Ack
from
Master
No Ack
from
Master
SCL
SDA
Figure 10 . One-byte read from Configuration Register with preset pointer
X
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
Address Byte
Data Byte
(from aTS75)
1
1
0
0
R/W
S
P
A
N
Ack
from
aTS75
No Ack
from
Master
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com