Electronic Components Datasheet Search
  English  ▼

X  

ATS75 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ATS75
Description  LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS75 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ATS75 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 13Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 14Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 15Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
- 14 -
© Andigilog, Inc. 2005
www.andigilog.com
April 2006 - 70A03204
aTS75
M8 Package – 8-Lead MSOP Package Dimensions
2.85mm (min)
3.05mm (max)
4.75mm (min)
5.05mm (max)
0.95mm BSC
2.90mm (min)
3.10mm (max)
0.25mm (min)
0.40mm (max)
2.90mm (min)
3.10mm (max)
4.75mm (min)
5.05mm (max)
0.65mm BSC
1.10mm (max)
0.525mm
BSC
α 0° (min)
6° (max)
2.85mm (min)
3.05mm (max)
0.10m
m
0.78mm (min)
0.94mm (max)
0.05mm (min)
0.15mm (max)
2.90mm (min)
3.10mm (max)
A
A
0.25mm (min)
0.40mm (max)
0.25mm (min)
0.35mm (max)
0.13mm (min)
0.23mm (max)
0.13mm (min)
0.18mm (max)
β
γ
0° (min)
6° (max)
9° (min)
15°
(max)
0.40mm (min)
0.70mm (max)
Detail
B
Section A
Detail
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com