Electronic Components Datasheet Search
  English  ▼

X  

PL75-47 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # PL75-47
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-47 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button PL75-47 Datasheet HTML 30Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 31Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 32Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 33Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 34Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 35Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 36Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 37Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
34
Cable Plug
50Ω
PL40-
Wrench Crimp
75Ω
UPL40-
Cable Jack
50Ω
CJ40-
Wrench Crimp
75Ω
UCJ40-
Cable Jack
50Ω
CJ240-
Tool Crimp
75Ω
UCJ240-
Cable Plug
50Ω
PL240-
Tool Crimp
75Ω
UPL240-
TNC Coupling Adapter
50Ω
AD48
(Barrel connector)
75Ω
UAD48
Bulkhead Plug
50Ω
PL41
Front mount, Solder pot
75Ω
UPL41
w/ Solder Lug
50Ω
PL41SL
75Ω
UPL41SL
Mounting Hole: C2.093
Miniature coax threaded 40/240 series, tnc
- Refers to Cable Group Table, see pages 91-133. "D" mounting holes are on page 54
1
1
1
1
1
1
1
1
1
PL40-1 Shown
CJ40-1 Shown
Right Angle
Circuit Board
Mounting TNC Receptacle
50Ω
CBJR40
75Ω
UCBJR40
Add "A" for tall versions (see chart)
Insulated
Bulkhead Jack
50Ω
BJ48
Feed-through
75Ω
UBJ48
Mounting Hole: D3.156
GF-Ground filter version page 38
BJ48 Shown
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
.096
.437 OR .500
WRENCH FLATS
AND NUT
.960/1.001
.650 DIA MAX
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
.640
1.140
.437 WRENCH FLATS
.625 DIA MAX
.029 DIA
3 HOLES
.500 HEX NUT
.375-32UNEF-2A
SOLDER POT ACCEPTS
.064 DIA CONDUCTOR
1.11
.400
.250
.562 HEX
.562 HEX NUT
.500-28UNEF-2A
1.282
.046
.505
.997
.4375-28UNEF-2A
.096
.437 HEX
.645 DIA MAX
;;
;;
;;
;;
;;
.593
DIA
MAX
.4375-28UNEF-2A
.708
1.208
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
CRIMP SLEEVE
CJ240-001 SHOWN
1.280
.381
.4375.28UNEF-2A TYP
.380
DIA
.890
1.054
B TYP
.030
TYP
.13 TYP
.258
TYP
D TYP
C TYP
.4375-28UNEF-2A
E TYP
.258
.258
A
MODEL
LTR
A
B
C
D
E
NO.
CODE OHM
DIM
DIM
DIM
DIM
DIM
CBJR40
-
50
.046
.24
.070
.050
.0625
UCBJR40
-
75
.029
.24
.070
.050
.0625
CBJR40A
A
50
.046
.34
.090
.058
.070
UCBJR40A
A75
.029
.34
.090
.058
.070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com