Electronic Components Datasheet Search
  English  ▼

X  

PL75-47 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PL75-47
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-47 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PL75-47 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 10Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 11Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 12Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 13Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 14Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 15Page - List of Unclassifed Manufacturers PL75-47 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
12
.625 1.166
2.673
TNG2-R
TNG2A-R1-R2
TNG3-R
TNG3A-R1-R2
TNG4-R1-R2-R3
TNG4A-R1-R2-R3-R4-R5-R6
R-Resistance (1/2 W 1%)
Substitute resistive value for each "R
N" unless all values are identical.
Fixed Paralleling Jack
Two Plugs, One Jack
3-lug
TN2
2-lug
TN2TL
4-lug
TN2FL
Threaded
TN2T
Two Jacks, One Plug
3-lug
TN2A
2-lug
TN2TLA
4-lug
TN2FLA
Threaded
TN2TA
* Other options available including Random Paralleling.
Contact the factory for more information.
TRB Series Pad
TRB 3-lug plug and jack
Part Number
Circuitry Schematic
For Adapters, see pages 47-50. For Terminations, see page 45-46. For Impedance Matching Adapters, see page 47.
TRB "T" Adapter
3-lug
BN73
2-lug
BN73TL
4-lug
BN73FL
TRT "T" Adapter
Threaded
BN373
TN2 Shown
TN2A Shown
Fixed Paralleling Jacks
Trb series pad / paralleling / t adapter
.593
DIA
MAX
PL75
2.683
CJ70
;;
;;
;;
;;
;;
;;
;;
;
;
;
;
;
;
;
;;;
;;;
;;;
;;;
;;;
.593
DIA
MAX
R
R1
R2
R
R1
R2
R1 R2
R3
R3
R4
R5
R6
R2
R1
.425 TYP
.436
1.286
.593 DIA
OVER KNURL
1.075
.440
;;;;;;;;
;;;;;;;;
;;;;;;;;
.625
1.166
2.673
INTERMEDIATE
BN73 Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com