Electronic Components Datasheet Search
  English  ▼

X  

SA5200 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5200
Description  RF dual gain-stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5200 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5200 Datasheet HTML 4Page - NXP Semiconductors SA5200 Datasheet HTML 5Page - NXP Semiconductors SA5200 Datasheet HTML 6Page - NXP Semiconductors SA5200 Datasheet HTML 7Page - NXP Semiconductors SA5200 Datasheet HTML 8Page - NXP Semiconductors SA5200 Datasheet HTML 9Page - NXP Semiconductors SA5200 Datasheet HTML 10Page - NXP Semiconductors SA5200 Datasheet HTML 11Page - NXP Semiconductors SA5200 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
SA5200
RF dual gain-stage
1997 Nov 07
5–8
14
10
100
1000
2000
FREQUENCY (MHz)
12
10
8
6
4
2
0
9V
7V
6V
5V
4V
TA = +25°C
SR00177
Figure 12. Insertion Gain vs Frequency and VCC
800
9V
850
900
950
1000
1050
1100
1150
1200
10
9.5
9
8.5
8
7.5
7
6.5
6
7V
6V
5V
4V
TA = +25°C
FREQUENCY (MHz)
SR00178
Figure 13. Insertion Gain vs Frequency and VCC
— Expanded Detail —
10
100
1000
2000
FREQUENCY (MHz)
12
10
8
6
4
2
0
-40
°C
+25
°C
+85
°C
VCC = 5V
SR00180
Figure 14. Insertion Gain vs Frequency and Temperature
800
FREQUENCY (MHz)
10
9.5
9
8.5
8
7.5
7
6.5
6
5.5
5
850
900
950
1000
1050
1100
1150
1200
-40
°C
+25
°C
+85
°C
VCC = 5V
SR00179
Figure 15. Insertion Gain vs Frequency and Temperature
– Expanded Detail –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com