Electronic Components Datasheet Search
  English  ▼

X  

SA5200 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA5200
Description  RF dual gain-stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5200 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA5200 Datasheet HTML 6Page - NXP Semiconductors SA5200 Datasheet HTML 7Page - NXP Semiconductors SA5200 Datasheet HTML 8Page - NXP Semiconductors SA5200 Datasheet HTML 9Page - NXP Semiconductors SA5200 Datasheet HTML 10Page - NXP Semiconductors SA5200 Datasheet HTML 11Page - NXP Semiconductors SA5200 Datasheet HTML 12Page - NXP Semiconductors SA5200 Datasheet HTML 13Page - NXP Semiconductors SA5200 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Philips Semiconductors
Product specification
SA5200
RF dual gain-stage
1997 Nov 07
5–12
25
VCC (V)
4
5
67
89
DISABLED
900MHz
20
15
10
5
0
100MHz
500MHz
TA = +25°C
SR00191
Figure 28. Second-Order Output Intercept vs Frequency and
VCC
ENABLE
OUT
ENABLE
OUT
SR00189
Figure 29. Switching Speed; fIN = 10MHz at –26dBm, VDD = 5V,
Coupling Capacitors Set to 0.01
µF
4
25
56
7
8
9
20
15
10
5
0
VCC (V)
DISABLED
f = 900MHz
TA = +25°C
SR00190
Figure 30. Second-Order Input Intercept vs Frequency and VCC
ENABLE
OUT
SR00192
Figure 31. Switching Speed; fIN = 50MHz at –26dBm,
VDD = 5V, Coupling Capacitors Set to 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com