Electronic Components Datasheet Search
  English  ▼

X  

PL375-7 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button PL375-7 Datasheet HTML 58Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 59Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 60Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 61Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 62Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 63Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 64Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 65Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
62
Coaxial Video Monitor Probe
BNC Jack
MP20W
Monitors J314, J214 and J14 Series without interruption of normal-thru
signal.
.930
.376
.090
2.638
2.796
.425
BNC RECEPTACLE
.516
20dB
SCHEMATIC
HDTV Ready High Frequency 75 Ohm
Dual Coaxial Mini-WECo Patch Jack
with BNC Receptacles
Un-Terminated
J315MW
HDTV Ready High Frequency 75 Ohm
Dual Coaxial WECo Patch Jack with
BNC Receptacles
Un-Terminated
J315W
The J315MW is superior quality, high bandwidth, dual video
patch jack. This low profile, high performance component is
designed for HDTV digital applications where space allocation
is critical, such as in video truck application. It is ideal for
situations where self-normalling is not practical, usually due to
environmental considerations such as high ambient airborne
particles or high vibration.
High Frequency Video Patching
When used in conjunction with the LPMWHF looping plug, a
“normal-thru” circuit is achieved, which will pass a full 1.485
Gbps of uncompressed data (2.25GHz of frequency) the needed
for HDTV, with return loss performance which exceeds
SMPTE292M requirements. This high performance is main-
tained when patching from one location to another, using the
PCMWB-L patch cord (call factory).
3.294
.375
1.994
1.294
RED
SHRINK TUBING
SCHEMATIC
.450
1.500
.500
.375
2X Ø.156
Ø.156
TYP
.625
.600
1.635
1.375
Ø.447
TYP
.570
2.594
.774
BNC
RECEPTACLE
RED
SHRINK TUBING
1.175
SCHEMATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com