Electronic Components Datasheet Search
  English  ▼

X  

PL375-7 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PL375-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
9
Cable Plug
2-lug
PL74-
Wrench Crimp
3-lug
PL75-
4-lug
PL75FL-
Threaded
PL375-
Right Angle Cable Plug 2-lug
PLR74C-
Tool Crimp
3-lug
PLR75C-
4-lug
PLR75CFL-
Threaded
PLR375C-
For cable groups 201-223 only. Contact the factory for other cables.
Cable Plug
PL73-
Wrench Crimp, Push-on
Order Large Body version for cables with jacket dia. greater than .323".
Cable Plug
2-lug
PL74C-
Tool Crimp
3-lug
PL75C-
4-lug
PL75CFL-
* Length depends on Cable Group
Threaded
PL375C-
Cable Plug
PL73C-
Tool Crimp, Push-on
3-lug
CJ70-
2-lug
CJ70TL-
Cable Jack
4-lug
CJ70FL-
Wrench Crimp
Threaded
CJ370-
3-lug
CJ70C-
2-lug
CJ70CTL-
Cable Jack
4-lug
CJ70CFL-
Tool Crimp
Threaded
CJ370C-
Miniature plugs & jacks 70/370 series, trb/trt
Cable Plug
Tool Crimp
3-lug
PL75MC-
2-lug
PL74MC-
4-lug
PL75MCFL-
Threaded
PL375MC-
PLR74C-201 Shown
PL74-9 Shown
CJ70C-202 Shown
CJ70-9 Shown
PL75MC-202 Shown
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1 - Refers to the cable group table on pages 91-133
PL73C-202 Shown
PL73-9 Shown
TRB Coupling
Adapter
3-lug
AD78
(Barrel connector)
2-lug
AD78TL
4-lug
AD78FL
Threaded
AD378
Right Angle TRB Adapter
3-lug
ADRMF70
TRB male to female
2-lug
ADRMF70TL
Threaded
ADRMF370
4-lug
ADRMF70FL
For polarizations, call factory
PL74C-202 Shown
1.70
1.297
.593
DIA MAX
1.110
.438 WRENCH FLATS
.096
.500
DIA
.438 WRENCH FLATS
1.11
1.405
1.76 MAX
.030
SHRINKABLE
STRAIN RELIEF
(CLEAR, 175ºC)
.593
DIA
MAX
SHRINKABLE
SEALING
SLEEVE
(LONG)
1.110
.961
.711
.500 BODY DIA
.096
.438 HEX
1.135
.438 WRENCH FLATS
.593 MAX DIA OVER KNURL
.500
DIA
SHRINKABLE STRAIN RELIEF (CLEAR, 175°C)
1.267
1.67
.030
SHRINKABLE SEALING SLEEVE (LONG)
.438HEX
.500 WRENCH FLATS
.500 BODY DIA
1.314
.096
.593 DIA MAX OVER KNURL
;;;
;;;
;;;
;;;
;;;
;;;
.546
DIA
MAX
1.416
.030
SHRINKABLE
STRAIN RELIEF
(CLEAR, 175º C)
SHRINKABLE SEALING SLEEVE (LONG)
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
1.800
.445 DIA
1.290
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
SEALING
SLEEVE
.593 DIA MAX
1.70 OR 1.44 MAX
1.297
SHRINKABLE
STRAIN RELIEF
ADRMF70 Shown
AD78 Shown
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com