Electronic Components Datasheet Search
  English  ▼

X  

PL375-7 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button PL375-7 Datasheet HTML 65Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 66Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 67Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 68Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 69Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 70Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 71Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 72Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
69
50Ω Miniature coax patching
Miniature Patch Jack
TPS Jack
50Ω
3-lug
J8
50Ω
4-lug
J8FL
TCM Jack (not shown)
50Ω Threaded
J308
Call factory for other miniature coax products. Z = denotes impedance of connecting cable in ohms
Adapter
50Ω Miniature patch plug to 50Ω tps jack ....
ADM1
Miniature Patch Jack
Solder Pot
50Ω
J8D
Adapter
50Ω Miniature patch plug
to 50Ω BNC Jack
ADM2
Adapter
Fixed Paralleling
50Ω TPS - One Jack, Two Plugs
PNM2
Patch Cord
50Ω Miniature Patch Plugs
PCM-L-Z
Patch Cord
50Ω Miniature Patch Plug to TPS Plug
PCMX-L-Z
Miniature Looping Plug
Handle Color: Green = 50Ω,
Violet = 75Ω, White = 93Ω
LPM-Z
Miniature Patch Plug
50Ω Shield Crimp
PL3C-
1.362
.300
.375 DIA
TPS RECEPTACLE
3125-32-UNEF-2A
PER DOD-HDBK-H28
.165
.295
DIA
.343 HEX
.23
DIA
1.80
.77
.38
1.366
.3125-32-UNEF-2A
.165
.375
DIA
SOLDER POT ACCEPTS
.042 DIA CONDUCTOR
1.049
.078 DIA HOLE
1.940
1/4 WRENCH FLATS
11/32 HEX
.227
DIA
;;;;
;;;;
;;;;
2.116
1.096
BNC
;;;;
;;;;
;;;;
PL3 PATCH PLUG
.437 HEX
.562
.500
.87
.366
DIA
TYP
1.19
.300
DIA
.50
.38
"L"
LENGTH
;;
;;
;;
;;;
;;;
;;;
"L"
LENGTH
;;
;;
;;
;;;
;;;
;;;
.500
.950
2.800
2.000
Feed Thru Bulkhead Mount
Miniature Patch Jack
50Ω
J8FT
.375 WRENCH FLATS
SEALING GASKET
FLAT WASHER
.500
DIA
1.035
1.372
LOCK WASHER
.375-32UNEF-2A
.500 HEX NUT
.580
DIA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com