Electronic Components Datasheet Search
  English  ▼

X  

SA5211D Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SA5211D
Description  Transimpedance amplifier 180MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5211D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SA5211D Datasheet HTML 12Page - NXP Semiconductors SA5211D Datasheet HTML 13Page - NXP Semiconductors SA5211D Datasheet HTML 14Page - NXP Semiconductors SA5211D Datasheet HTML 15Page - NXP Semiconductors SA5211D Datasheet HTML 16Page - NXP Semiconductors SA5211D Datasheet HTML 17Page - NXP Semiconductors SA5211D Datasheet HTML 18Page - NXP Semiconductors SA5211D Datasheet HTML 19Page - NXP Semiconductors SA5211D Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Philips Semiconductors
Product specification
SA5211
Transimpedance amplifier (180MHz)
1998 Oct 07
17
GND 2
GND 2
NC
INPUT
NC
GND 1
GND 1
GND 1
GND 1
OUT (+)
GND 2
OUT (–)
1
2
3
4
5
6
78
9
10
11
12
13
14
VCC1
VCC 2
SD00488
ECN No.: 06027
1992 Mar 13
Figure 15. SA5211 Bonding Diagram
Die Sales Disclaimer
Due to the limitations in testing high frequency and other parameters
at the die level, and the fact that die electrical characteristics may
shift after packaging, die electrical parameters are not specified and
die are not guaranteed to meet electrical characteristics (including
temperature range) as noted in this data sheet which is intended
only to specify electrical characteristics for a packaged device.
All die are 100% functional with various parametrics tested at the
wafer level, at room temperature only (25
°C), and are guaranteed to
be 100% functional as a result of electrical testing to the point of
wafer sawing only. Although the most modern processes are
utilized for wafer sawing and die pick and place into waffle pack
carriers, it is impossible to guarantee 100% functionality through this
process. There is no post waffle pack testing performed on
individual die.
Since Philips Semiconductors has no control of third party
procedures in the handling or packaging of die, Philips
Semiconductors assumes no liability for device functionality or
performance of the die or systems on any die sales.
Although Philips Semiconductors typically realizes a yield of 85%
after assembling die into their respective packages, with care
customers should achieve a similar yield. However, for the reasons
stated above, Philips Semiconductors cannot guarantee this or any
other yield on any die sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com