Electronic Components Datasheet Search
  English  ▼

X  

SA5211D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5211D
Description  Transimpedance amplifier 180MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5211D Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5211D Datasheet HTML 1Page - NXP Semiconductors SA5211D Datasheet HTML 2Page - NXP Semiconductors SA5211D Datasheet HTML 3Page - NXP Semiconductors SA5211D Datasheet HTML 4Page - NXP Semiconductors SA5211D Datasheet HTML 5Page - NXP Semiconductors SA5211D Datasheet HTML 6Page - NXP Semiconductors SA5211D Datasheet HTML 7Page - NXP Semiconductors SA5211D Datasheet HTML 8Page - NXP Semiconductors SA5211D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Product specification
SA5211
Transimpedance amplifier (180MHz)
1998 Oct 07
4
AC ELECTRICAL CHARACTERISTICS
Typical data and Min and Max limits apply at VCC=5V and TA=25°C
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
RT
Transresistance (differential output)
DC tested RL = ∞
Test Circuit 8, Procedure 1
21
28
36
k
Ω
RO
Output resistance (differential output)
DC tested
30
Ω
RT
Transresistance (single-ended output)
DC tested
RL = ∞
10.5
14
18.0
k
Ω
RO
Output resistance (single-ended output)
DC tested
15
Ω
f3dB
Bandwidth (-3dB)
TA = 25°C
Test circuit 1
180
MHz
RIN
Input resistance
200
Ω
CIN
Input capacitance
4
pF
∆R/∆V
Transresistance power supply sensitivity
VCC = 5±0.5V
3.7
%/V
∆R/∆T
Transresistance ambient temperature sensitivity
∆TA = TA MAX-TA MIN
0.025
%/
°C
IN
RMS noise current spectral density (referred to
input)
Test Circuit 2
f = 10MHz
TA = 25°C
1.8
pA/
√Hz
IT
Integrated RMS noise current over the bandwidth
(referred to input)
TA = 25°C
Test Circuit 2
1
∆f = 50MHz
13
CS=01
∆f = 100MHz
20
nA
∆f = 200MHz
35
∆f = 50MHz
13
CS=1pF
∆f = 100MHz
21
nA
∆f = 200MHz
41
PSRR
Power supply rejection ratio2
(VCC1 = VCC2)
DC tested,
∆VCC = 0.1V
Equivalent AC
Test Circuit 3
23
32
dB
PSRR
Power supply rejection ratio2 (VCC1)
DC tested,
∆VCC = 0.1V
Equivalent AC
Test Circuit 4
23
32
dB
PSRR
Power supply rejection ratio2 (VCC2)
DC tested,
∆VCC = 0.1V
Equivalent AC
Test Circuit 5
45
65
dB
PSRR
Power supply rejection ratio (ECL configuration)2
f = 0.1MHz
Test Circuit 6
23
dB
VOMAX
Maximum differential output voltage swing
RL = ∞
Test Circuit 8, Procedure 3
1.7
3.2
VP-P
VIN MAX
Maximum input amplitude for output duty cycle of
50
±5%3
Test Circuit 7
160
mVP-P
tR
Rise time for 50mV output signal4
Test Circuit 7
0.8
1.8
ns
NOTES:
1. Package parasitic capacitance amounts to about 0.2pF
2. PSRR is output referenced and is circuit board layout dependent at higher frequencies. For best performance use RF filter in VCC lines.
3.
Guaranteed by linearity and overload tests.
4. tR defined as 20-80% rise time. It is guaranteed by -3dB bandwidth test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com