Electronic Components Datasheet Search
  English  ▼

X  

SA5211D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5211D
Description  Transimpedance amplifier 180MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5211D Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5211D Datasheet HTML 1Page - NXP Semiconductors SA5211D Datasheet HTML 2Page - NXP Semiconductors SA5211D Datasheet HTML 3Page - NXP Semiconductors SA5211D Datasheet HTML 4Page - NXP Semiconductors SA5211D Datasheet HTML 5Page - NXP Semiconductors SA5211D Datasheet HTML 6Page - NXP Semiconductors SA5211D Datasheet HTML 7Page - NXP Semiconductors SA5211D Datasheet HTML 8Page - NXP Semiconductors SA5211D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Philips Semiconductors
Product specification
SA5211
Transimpedance amplifier (180MHz)
2
1998 Oct 07
853-1799 20142
DESCRIPTION
The SA5211 is a 28k
Ω transimpedance, wide-band, low noise
amplifier with differential outputs, particularly suitable for signal
recovery in fiber optic receivers. The part is ideally suited for many
other RF applications as a general purpose gain block.
FEATURES
• Extremely low noise: 1.8pA Hz
• Single 5V supply
• Large bandwidth: 180MHz
• Differential outputs
• Low input/output impedances
• High power supply rejection ratio
• 28kΩ differential transresistance
APPLICATIONS
• Fiber optic receivers, analog and digital
• Current-to-voltage converters
• Wide-band gain block
PIN CONFIGURATION
1
2
3
4
5
6
78
14
13
12
11
10
9
GND2
GND2
NC
IIN
NC
VCC1
VCC2
GND1
GND1
GND1
GND1
GND2
OUT (–)
OUT (+)
D Package
TOP VIEW
SD00318
Figure 1. Pin Configuration
• Medical and scientific Instrumentation
• Sensor preamplifiers
• Single-ended to differential conversion
• Low noise RF amplifiers
• RF signal processing
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Small Outline (SO) Package
-40 to +85
°C
SA5211D
SOT108-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
SYMBOL
PARAMETER
RATING
UNIT
VCC
Power supply
6
V
TA
Operating ambient temperature range
-40 to +85
°C
TJ
Operating junction temperature range
-55 to +150
°C
TSTG
Storage temperature range
-65 to +150
°C
PD MAX
Power dissipation, TA=25°C (still-air)1
1.0
W
IIN MAX
Maximum input current2
5
mA
θJA
Thermal resistance
125
°C/W
NOTES:
1. Maximum dissipation is determined by the operating ambient temperature and the thermal resistance:
θJA=125°C/W
2. The use of a pull-up resistor to VCC, for the PIN diode is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com