Electronic Components Datasheet Search
  English  ▼

X  

SA5217 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA5217
Description  Postamplifier with link status indicator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5217 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA5217 Datasheet HTML 1Page - NXP Semiconductors SA5217 Datasheet HTML 2Page - NXP Semiconductors SA5217 Datasheet HTML 3Page - NXP Semiconductors SA5217 Datasheet HTML 4Page - NXP Semiconductors SA5217 Datasheet HTML 5Page - NXP Semiconductors SA5217 Datasheet HTML 6Page - NXP Semiconductors SA5217 Datasheet HTML 7Page - NXP Semiconductors SA5217 Datasheet HTML 8Page - NXP Semiconductors SA5217 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
SA5217
Postamplifier with link status indicator
1998 Oct 07
5
AC ELECTRICAL CHARACTERISTICS
Min and Max limits apply over the operating temperature range at VCCA = VCCD = +5.0V unless otherwise specified. Typical data applies at
VCCA = VCCD = +5.0V and TA = 25°C.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
fOP
Maximum operating frequency
Test circuit
60
75
MHz
VINH
Maximum Functional A1 input signal (single en-
ded)
Test Circuit
1.6
VP-P
Minimum Functional A1 input signal (single-en-
ded)
Test CIrcuit
6
mVP-P
Minimum Functional A1 input signal (differential)
3
PP
VINL
Minimum input sensitivity for output BER
≤ 10–9
(single-ended)
PRBS = 223 1
9
mV
Minimum input sensitivity for output BER
≤ 10–9
(differential)
PRBS = 223–1
4.5
mVP-P
RIN1
Input resistance (differential at IN1)
PRBS = 223–1
1200
Ω
CIN1
Input capacitance (differential at IN1)
2
pF
RIN8
Input resistance (differential at IN2)
2000
Ω
CIN2
Input capacitance (differential at IN2)
2
pF
ROUT2
Output resistance (differential at OUT2)
25
Ω
COUT2
Output capacitance (differential at OUT2)
2
pF
V
S
Hysteresis voltage range (single-ended)
Test circuit, TA = 25°C
10
mV
VHYS
Hysteresis voltage range (differential)
A
RRHYST=5k RTHRESH=33k
5
mVP-P
VTHR
Threshold voltage (single-ended)
(FLAG Low) Test circuit,
@ 50MHz
19
mVP-P
THR
Threshold voltage (differential)
RRHYST=4k RTHRESH=33k
9.5
PP
tTLH
TTL Output Rise Time 20% to 80%
Test Circuit
1.3
ns
tTHL
TTL Output Fall Time 80% to 20%
Test Circuit
1.2
ns
tRFD
tTLH/tTHL mismatch
0.1
ns
tPWD
Pulse width distortion of output
50mVP-P, 1010. . .input
Distortion =
T
H * TL
T
H ) TL
102
TBD
%
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NE5217
LED
THRESH
FLAG
JAM
125
33k
15pF
400
10k
4k
25
50
VCC
+5V
VIN
VOUT
VOUT
GNDD
VCCA
VCCD
GNDA
CPKDET
IN1B
IN1A
CAZP
CAZN
OUT2B
IN8B
OUT2A
IN8A
RHYST
RPKDET
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
10
µF
100
µH
100
µH
SD00356
Figure 3. AC Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com