Electronic Components Datasheet Search
  English  ▼

X  

SA5217 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5217
Description  Postamplifier with link status indicator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5217 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5217 Datasheet HTML 3Page - NXP Semiconductors SA5217 Datasheet HTML 4Page - NXP Semiconductors SA5217 Datasheet HTML 5Page - NXP Semiconductors SA5217 Datasheet HTML 6Page - NXP Semiconductors SA5217 Datasheet HTML 7Page - NXP Semiconductors SA5217 Datasheet HTML 8Page - NXP Semiconductors SA5217 Datasheet HTML 9Page - NXP Semiconductors SA5217 Datasheet HTML 10Page - NXP Semiconductors SA5217 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
SA5217
Postamplifier with link status indicator
1998 Oct 07
7
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Threshold vs RTHRESH for Different Values of RHYST
(Driven Single Ended)
30
40
10
20
30
40
50
15
20
25
35
45
6k
5k
4k
3k
2k
RTHRESH (kΩ)
VCC = 5V
TA = 27
°C
F = 60MHz
On/Off Voltage vs RTHRESH (Driven Single Ended)
RTHRESH (kΩ)
0
10
20
30
40
50
10
20
30
40
50
OFF
ON
VCC = 5V
TA = 27
°C
F = 60MHz
RHYST = 4k
Hysteresis vs RTHRESH for Different Values of RHYST
(Driven Single Ended)
2
4
6
8
10
12
14
16
10
20
30
40
50
6k
5k
4k
3k
2k
VCC = 5V
TA = 27
°C
F = 60MHz
RTHRESH (kΩ)
5
4
3
2
1
0N
0
5
10
15
20
25
30
VHYS
VIN1
RTHRESH = 33kΩ
RHYST = 4kΩ
VTHR
FORWARD
ACTIVE
REGION
(shaded)
OFF
VIN (mVP-P)
Hysteresis and Forward Active Region
0
SD00358
Figure 5. Typical Performance Characteristics (cont)
THEORY OF OPERATION AND APPLICATION
The SA5217 postamplifier is a highly integrated chip that provides
up to 60dB of gain at 60MHz, to bring mV level signals up to TTL
levels.
The SA5217 contains eight amplifier blocks (see Block Diagram).
The main signal path is made up of a cascade of limiting stages: A1,
A2 and A8. The A3-A4-A7 path performs a wideband full-wave
rectification of the input signal with adjustable hysteresis and decay
times. It outputs a TTL High on the “FLAG” output (Pin 5) when the
input is below a user adjustable threshold. An on-chip LED driver
turns the external LED to the On state when the input signal is
above the threshold. In a typical application the “FLAG” output is
tied back tot he “JAM” input; forcing the “JAM” input to TTL High will
latch the TTL Data Out at the last logical state.
Threshold voltage and hysteresis voltage range are adjustable with
resistors RTHRESH and RHYST. The typical values given in the data
sheet will result in performance shown in the graph “Hysteresis and
Forward Active Region”. A minority of parts may be sensitive
enough that FLAG High (Off) occurs below the minimum functional
input signal level, VIN1. This condition is shown by the dotted line in
the graph. Such parts may require adjustment of RTHRESH if it is
important to guarantee that an output signal is present for the full
hysteresis range. If this is not important, RTHRESH may be adjusted
to give a FLAG Low for lower level input signals.
An auto-zero loop allows the SA5217 to be directly connected to a
transimpedance amplifier such as the SA5210, SA5211, or
SA5212A without coupling capacitors. This auto-zero loop cancels
the transimpedance amplifier’s DC offset, the SA5217 A1 offset, and
the data-dependent offset in the PIN diode/transimpedance amplifier
combination.
A typical application of the SA5217 postamplifier is depicted in
Figure 6. The system uses the SA5211 transimpedance amplifier
which has a 28k differential transimpedance gain and a -3dB
bandwidth of 140MHz. this typical application is optimized for a
50Mb/s Non Return to Zero (NRZ) bit stream.
As the system’s gain bandwidth product is very high, it is crucial to
employ good RF design and printed circuit board layout techniques
to prevent the system from becoming unstable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com