Electronic Components Datasheet Search
  English  ▼

X  

SA5217 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5217
Description  Postamplifier with link status indicator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5217 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5217 Datasheet HTML 1Page - NXP Semiconductors SA5217 Datasheet HTML 2Page - NXP Semiconductors SA5217 Datasheet HTML 3Page - NXP Semiconductors SA5217 Datasheet HTML 4Page - NXP Semiconductors SA5217 Datasheet HTML 5Page - NXP Semiconductors SA5217 Datasheet HTML 6Page - NXP Semiconductors SA5217 Datasheet HTML 7Page - NXP Semiconductors SA5217 Datasheet HTML 8Page - NXP Semiconductors SA5217 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
SA5217
Postamplifier with link status indicator
2
1998 Oct 07
853-1658 20141
DESCRIPTION
The SA5217 is a 75MHz postamplifier system designed to accept
low level high-speed signals. These signals are converted into a
TTL level at the output. The SA5217 can be DC coupled with the
previous transimpedance stage using SA5210, SA5211 or SA5212A
transimpedance amplifiers. The main difference between the
SA5217 and the SA5214 is that the SA5217 does not make the
output of A1 and input of A2 accessible; instead, it brings out the
output of A2 and the input of A8 thus activating the on-chip Schmitt
trigger function by connecting two external capacitors. The result is
that a much longer string of 1s and 0s, in the bit stream, can be
tolerated. This ”system on a chip” features an auto-zeroed first
stage with noise shaping, a symmetrical limiting second stage, and a
matched rise/fall time TTL output buffer. The system is
user-configurable to provide adjustable input threshold and
hysteresis. The threshold capability allows the user to maximize
signal-to-noise ratio, thereby insuring a low Bit Error Rate (BER).
An auto-zero loop can be used to replace two input coupling
capacitors with a single Auto Zero (AZ) capacitor. A signal absent
flag indicates when signals are below threshold. The low signal
condition forces the TTL output to the last logic state. User
interaction with this ”jamming” system is available. The SA5217 is
packaged in a standard 20-pin surface-mount package and typically
consumes 40mA from a standard 5V supply. The SA5217 is
designed as a companion to the SA5211/5212A and SA5210
transimpedance amplifiers. These differential preamplifiers may be
directly coupled to the postamplifier inputs. The SA5210/5217,
SA5211/5217 or SA5212A/5217 combinations convert nanoamps of
photodetector current into standard digital TTL levels.
APPLICATIONS
• Fiber optics
• Communication links in Industrial and/or Telecom environment
with high EMI/RFI
• Local Area Networks (LAN)
• Synchronous Optical Networks (SONET) STS-1
• RF limiter
• Good for 223 -1 pseudo random bit stream
PIN CONFIGURATION
D1 Package
LED
CPKDET
THRESH
GNDA
FLAG
JAM
VCCD
VCCA
GNDD
VOUT
IN1B
IN1A
CAZP
CAZN
OUT2B
IN8B
OUT2A
IN8A
RHYST
RPKDET
NOTE:
1. SOL - Released in large SO package only.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD00354
Figure 1. Pin Configuration
FEATURES
• Postamp for the SA5211/5212A. SA5210 preamplifier family
• Wideband operation: typical 75MHz (150MBaud NRZ)
• Interstage filtering/equalization possible
• Single 5V supply
• Low signal flag
• Output disable
• Link status threshold and hysteresis programmable
• LED driver (normally ON with above threshold signal)
• Fully differential for excellent PSRR
• Auto-zero loop for DC offset cancellation
• 2kV ElectroStatic Discharge (ESD) protection
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Small Outline Large (SOL) Package
-40 to +85
°C
SA5217D
SOT163-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
SA5214
UNIT
VCCA
Power supply
+6
V
VCCD
Power supply
+6
V
TA
Operating ambient temperature range
-40 to +85
°C
TJ
Operating junction temperature range
-55 to +150
°C
TSTG
Storage temperature range
-65 to +150
°C
PD
Power dissipation
1.4
W
VIJ
Jam input voltage
-0.5 to 5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com