Electronic Components Datasheet Search
  English  ▼

X  

40CPQ080G Datasheet(PDF) 3 Page - International Rectifier

Part # 40CPQ080G
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40CPQ080G Datasheet(HTML) 3 Page - International Rectifier

  40CPQ080G Datasheet HTML 1Page - International Rectifier 40CPQ080G Datasheet HTML 2Page - International Rectifier 40CPQ080G Datasheet HTML 3Page - International Rectifier 40CPQ080G Datasheet HTML 4Page - International Rectifier 40CPQ080G Datasheet HTML 5Page - International Rectifier 40CPQ080G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
40CPQ080G, 40CPQ100G
Bulletin PD-20803 11/05
3
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
.001
.01
.1
1
10
.00001
.0001
.001
.01
.1
1
10
100
D=0.33
D=0.50
D=0.25
D=0.17
D=0.08
1
t , RectangularPulseDuration(Seconds)
SinglePulse
(Thermal Resistance)
Notes:
1. DutyfactorD= t / t
2. PeakT =P xZ
+T
2
t
1
t
P
DM
1
J
C
2
DM
thJC
100
1000
0
20
406080
100
T =25°C
J
ReverseVoltage-V (V)
R
.1
1
10
100
1000
0.4
.8
1.2
1.6
2
FM
T =175°C
T =125°C
T = 25°C
J
J
J
ForwardVoltageDrop-V
(V)
.001
.01
.1
1
10
100
1000
0
204060
80
100
R
T =175°C
150°C
125°C
100°C
75°C
50°C
25°C
J
ReverseVoltage-V (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com