Electronic Components Datasheet Search
  English  ▼

X  

40CPQ080G Datasheet(PDF) 1 Page - International Rectifier

Part # 40CPQ080G
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40CPQ080G Datasheet(HTML) 1 Page - International Rectifier

  40CPQ080G Datasheet HTML 1Page - International Rectifier 40CPQ080G Datasheet HTML 2Page - International Rectifier 40CPQ080G Datasheet HTML 3Page - International Rectifier 40CPQ080G Datasheet HTML 4Page - International Rectifier 40CPQ080G Datasheet HTML 5Page - International Rectifier 40CPQ080G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
F(AV) Rectangular
40
A
waveform
V
RRM
80-100
V
I
FSM
@ tp = 5 µs sine
2950
A
V
F
@20 Apk, T
J=125°C
0.61
V
(per leg)
T
J
- 55 to 175
°C
Characteristics
Values
Units
Major Ratings and Characteristics
Description/ Features
The 40CPQ...G center tap Schottky rectifier has been opti-
mized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation up
to 175° C junction temperature. Typical applications are in
switching power supplies, converters, free-wheeling diodes,
and reverse battery protection.
175° C T
J operation
Center tap TO-247 package
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
SCHOTTKY RECTIFIER
40 Amp
40CPQ080G
40CPQ100G
Bulletin
PD-20803 11/05
1
Case Styles
TO-247AC
40CPQ...G
Base
Common
Cathode
Anode
Anode
Common
Cathode
13
2
1
2
2
IF(AV) = 40Amp
VR = 80 - 100V
www.irf.com


Similar Part No. - 40CPQ080G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080G-N3 VISHAY-40CPQ080G-N3 Datasheet
579Kb / 7P
Schottky Rectifier, 2 x 20 A
11-Oct-11
40CPQ080GPBF VISHAY-40CPQ080GPBF Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ080GPBF VISHAY-40CPQ080GPBF Datasheet
579Kb / 7P
Schottky Rectifier, 2 x 20 A
11-Oct-11
40CPQ080GPBF VISHAY-40CPQ080GPBF_12 Datasheet
579Kb / 7P
Schottky Rectifier, 2 x 20 A
11-Oct-11
More results

Similar Description - 40CPQ080G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com