Electronic Components Datasheet Search
  English  ▼

X  

40CPQ080G Datasheet(PDF) 6 Page - International Rectifier

Part # 40CPQ080G
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40CPQ080G Datasheet(HTML) 6 Page - International Rectifier

  40CPQ080G Datasheet HTML 1Page - International Rectifier 40CPQ080G Datasheet HTML 2Page - International Rectifier 40CPQ080G Datasheet HTML 3Page - International Rectifier 40CPQ080G Datasheet HTML 4Page - International Rectifier 40CPQ080G Datasheet HTML 5Page - International Rectifier 40CPQ080G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
40CPQ080G, 40CPQ100G
Bulletin PD-20803 11/05
6
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 11/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating (40 = 40A)
2
-
Circuit Configuration
C = Common Cathode
3
-
Package
P = TO-247
4
-
Schottky "Q" Series
5
-
Voltage Code
6
-
G = Schottky Generation
7
-
none = Standard Production
PbF = Lead-Free
Tube Standard Pack Quantity : 25 pieces
40
C
P
Q
100
G
-
6
080 = 80V
100 = 100V
7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com