Electronic Components Datasheet Search
  English  ▼

X  

SA5224 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5224
Description  FDDI fiber optic postamplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5224 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5224 Datasheet HTML 2Page - NXP Semiconductors SA5224 Datasheet HTML 3Page - NXP Semiconductors SA5224 Datasheet HTML 4Page - NXP Semiconductors SA5224 Datasheet HTML 5Page - NXP Semiconductors SA5224 Datasheet HTML 6Page - NXP Semiconductors SA5224 Datasheet HTML 7Page - NXP Semiconductors SA5224 Datasheet HTML 8Page - NXP Semiconductors SA5224 Datasheet HTML 9Page - NXP Semiconductors SA5224 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
SA5224
FDDI fiber optic postamplifier
1998 Oct 07
7
Since Philips Semiconductors has no control of third party
procedures in the handling or packaging of die, Philips
Semiconductors assumes no liability for device functionality or
performance of the die or systems on any die sales.
Although Philips Semiconductors typically realizes a yield of 85%
after assembling die into their respective packages, with care
customers should achieve a similar yield. However, for the reasons
stated above, Philips Semiconductors cannot guarantee this or any
other yield on any die sales.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
CAZN
CAZP
GNDA
DIN
DIN
VCCA
CF
JAM
ST
ST
GNDE
DOUT
VCCE
VREF
DOUT
VSET
ECN No.: 01673
1991 Feb 8
SD00492
Figure 8. SA5224 Bonding Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com