Electronic Components Datasheet Search
  English  ▼

X  

SA5224 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5224
Description  FDDI fiber optic postamplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5224 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5224 Datasheet HTML 1Page - NXP Semiconductors SA5224 Datasheet HTML 2Page - NXP Semiconductors SA5224 Datasheet HTML 3Page - NXP Semiconductors SA5224 Datasheet HTML 4Page - NXP Semiconductors SA5224 Datasheet HTML 5Page - NXP Semiconductors SA5224 Datasheet HTML 6Page - NXP Semiconductors SA5224 Datasheet HTML 7Page - NXP Semiconductors SA5224 Datasheet HTML 8Page - NXP Semiconductors SA5224 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
SA5224
FDDI fiber optic postamplifier
1998 Oct 07
3
PIN DESCRIPTIONS
PIN NO.
NAME
FUNCTION
1
CAZN
Auto-zero capacitor pin. Connecting a capacitor between this pin and CAZP will cancel the offset voltage of the
limiting amplifier.
2
CAZP
Auto-zero capacitor pin. Connecting a capacitor between this pin and CAZN will cancel the offset voltage of the
limiting amplifier.
3
GNDA
Analog GND pin. Connect to ground for +5V upshifted ECL operation. Connect to –5.2V for standard ECL
operation. Must be at same potential as GNDE (Pin 11).
4
DIN
Differential input. DC bias level is set internally at approximately 2.9V. Complimentary to DIN (Pin 5).
5
DIN
Differential input. DC bias level is set internally at approximately 2.9V. Complimentary to DIN (Pin 4).
6
VCCA
Analog power supply pin. Connect to a +5V supply for upshifted ECL operation. Connect to ground for standard
ECL operation. Must be at same potential as VCCE (Pin 14).
7
CF
Filter capacitor for level detector. Capacitor should be connected between this pin and VCCA.
8
JAM
This ECL-compatible input controls the output buffers DOUT and DOUT (Pins 12 and 13). When an ECL LOW signal
is applied, the outputs will follow the input signal. When an ECL HIGH signal is applied, the DOUT and DOUT pins
will latch into LOW and HIGH states, respectively. When left unconnected, this pin is actively pulled-low (JAM OFF).
9
ST
Input signal level-detect STATUS. This ECL output is high when the input signal is below the user programmable
threshold level.
10
ST
ECL compliment of ST (Pin 9).
11
GNDE
Digital GND pin. Connect to ground for +5V upshifted ECL operation. Connect to a negative supply for normal ECL
operation. Must be at the same potential as GNDA (Pin 3).
12
DOUT
ECL-compatible output. Nominal level is VCCE–1.3V. When JAM is HIGH, this pin will be forced into an ECL HIGH
condition. Complimentary to DOUT (Pin 13).
13
DOUT
ECL-compatible output. Nominal level is VCCE–1.3V. When JAM is HIGH, this pin will be forced into an ECL LOW
condition. Complimentary to DOUT (Pin 12).
14
VCCE
Digital power supply pin. Connect to a +5V supply for upshifted ECL operation. Connect to ground during normal
ECL operation. Must be at the same potential as VCCA (Pin 6).
15
VREF
Reference voltage for threshold level voltage divider. Nominal value is approximately 2.64V.
16
VSET
Input threshold level setting circuit. This input can come from a voltage divider between VREF and GNDA.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Power supply (VCC - GND)
6
V
TA
Operating ambient
–45 to +85
°C
TJ
Operating junction
–55 to +150
°C
TSTG
Storage
–65 to +150
°C
PD
Power dissipation, TA = 25°C (still air)1
16-pin Plastic SO
1100
mW
NOTE:
1. Maximum dissipation is determined by the ambient temperature and the thermal resistance,
θJA: 16-pin SO: θJA = 110°C/W
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
4.5 to 5.5
V
TA
Ambient temperature ranges
–40 to +85
°C
TJ
Junction temperature ranges
–40 to +110
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com