Electronic Components Datasheet Search
  English  ▼

X  

SA571 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA571
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA571 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA571 Datasheet HTML 2Page - NXP Semiconductors SA571 Datasheet HTML 3Page - NXP Semiconductors SA571 Datasheet HTML 4Page - NXP Semiconductors SA571 Datasheet HTML 5Page - NXP Semiconductors SA571 Datasheet HTML 6Page - NXP Semiconductors SA571 Datasheet HTML 7Page - NXP Semiconductors SA571 Datasheet HTML 8Page - NXP Semiconductors SA571 Datasheet HTML 9Page - NXP Semiconductors SA571 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
SA571
Compandor
1997 Aug 14
6
NOTES:
GAIN
+
R
1
R
2
IB
2R3 VINavg
1
2
IB = 140µA
External components
VIN
CIN
CF
R1
R2
R3
VOUT
∆G
*
CRECT*
RDC
*
RDC
*
CDC
*
VREF
R4
SR00682
Figure 8. Basic Compressor
10k
CR
IG
RS
R1
VIN
V+
I = VIN / R1
SR00684
Figure 9. Rectifier Concept
CIRCUIT DETAILS—RECTIFIER
Figure 9 shows the concept behind the full-wave averaging rectifier.
The input current to the summing node of the op amp, VINR1, is
supplied by the output of the op amp. If we can mirror the op amp
output current into a unipolar current, we will have an ideal rectifier.
The output current is averaged by R5, CR, which set the averaging
time constant, and then mirrored with a gain of 2 to become IG, the
gain control current.
Figure 10 shows the rectifier circuit in more detail. The op amp is a
one-stage op amp, biased so that only one output device is on at a
time. The non-inverting input, (the base of Q1), which is shown
grounded, is actually tied to the internal 1.8V VREF. The inverting
input is tied to the op amp output, (the emitters of Q5 and Q6), and
the input summing resistor R1. The single diode between the bases
of Q5 and Q6 assures that only one device is on at a time. To detect
the output current of the op amp, we simply use the collector
currents of the output devices Q5 and Q6. Q6 will conduct when the
input swings positive and Q5 conducts when the input swings
negative. The collector currents will be in error by the
a of Q5 or Q6
on negative or positive signal swings, respectively. ICs such as this
have typical NPN
βs of 200 and PNP βs of 40. The a’s of 0.995 and
0.975 will produce errors of 0.5% on negative swings and 2.5% on
positive swings. The 1.5% average of these errors yields a mere
0.13dB gain error.
At very low input signal levels the bias current of Q2, (typically
50nA), will become significant as it must be supplied by Q5. Another
low level error can be caused by DC coupling into the rectifier. If an
offset voltage exists between the VIN input pin and the base of Q2,
an error current of VOS/R1 will be generated. A mere 1mV of offset
will cause an input current of 100nA which will produce twice the
error of the input bias current. For highest accuracy, the rectifier
should be coupled into capacitively. At high input levels the
β of the
PNP Q6 will begin to suffer, and there will be an increasing error until
the circuit saturates. Saturation can be avoided by limiting the
current into the rectifier input to 250
µA. If necessary, an external
resistor may be placed in series with R1 to limit the current to this
value. Figure 11 shows the rectifier accuracy vs input level at a
frequency of 1kHz.
V+
10k
10k
Q1 Q2
Q3
Q4
Q7
Q5
Q6
Q8
Q9
CR
RS
R1
D1
I1
I2
VIN
V–
I
G +
2
VIN avg
R1
NOTE:
SR00683
Figure 10. Simplified Rectifier Schematic
At very high frequencies, the response of the rectifier will fall off. The
roll-off will be more pronounced at lower input levels due to the
increasing amount of gain required to switch between Q5 or Q6
conducting. The rectifier frequency response for input levels of
0dBm, -20dBm, and -40dBm is shown in Figure 12. The response at
all three levels is flat to well above the audio range.
+1
0
–1
–40
–20
0
RECTIFIER INPUT dBm
SR00685
Figure 11. Rectifier Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com