Electronic Components Datasheet Search
  English  ▼

X  

SA571 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA571
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA571 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA571 Datasheet HTML 1Page - NXP Semiconductors SA571 Datasheet HTML 2Page - NXP Semiconductors SA571 Datasheet HTML 3Page - NXP Semiconductors SA571 Datasheet HTML 4Page - NXP Semiconductors SA571 Datasheet HTML 5Page - NXP Semiconductors SA571 Datasheet HTML 6Page - NXP Semiconductors SA571 Datasheet HTML 7Page - NXP Semiconductors SA571 Datasheet HTML 8Page - NXP Semiconductors SA571 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
SA571
Compandor
2
1997 Aug 14
853-0812 18285
DESCRIPTION
The SA571 is a versatile low cost dual gain control circuit in which
either channel may be used as a dynamic range compressor or
expandor. Each channel has a full-wave rectifier to detect the
average value of the signal, a linerarized temperature-compensated
variable gain cell, and an operational amplifier.
The SA571 is well suited for use in cellular radio and radio
communications systems, modems, telephone, and satellite
broadcast/receive audio systems.
FEATURES
• Complete compressor and expandor in one IChip
• Temperature compensated
• Greater than 110dB dynamic range
• Operates down to 6VDC
• System levels adjustable with external components
• Distortion may be trimmed out
• Dynamic noise reduction systems
• Voltage-controlled amplifier
PIN CONFIGURATION
RECT CAP 1
RECT IN 1
AG CELL IN 1
GND
RECT CAP 2
AG CELL IN 2
RECT IN 2
VCC
D, and N Packages1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
INV. IN 1
RES. R3 1
OUTPUT 1
THD TRIM 1
INV. IN 2
RES. R3 2
OUTPUT 2
THD TRIM 2
TOP VIEW
NOTE:
1. SOL - Released in Large SO Package Only.
SR00675
Figure 1. Pin Configuration
APPLICATIONS
• Cellular radio
• High level limiter
• Low level expandor—noise gate
• Dynamic filters
• CD Player
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Small Outline Large (SOL)
-40 to +85
°C
SA571D
SOT162-1
16-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA571N
SOT38-4
BLOCK DIAGRAM
VARIABLE
GAIN
∆G IN
RECT IN
VREF
THD TRIM
R2 20k
R1 10k
RECT CAP
R3
R3 20k
R4 30k
1.8V
INVERTER IN
OUTPUT
+
–
RECTIFIER
SR00676
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com