Electronic Components Datasheet Search
  English  ▼

X  

SA571 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA571
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA571 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA571 Datasheet HTML 1Page - NXP Semiconductors SA571 Datasheet HTML 2Page - NXP Semiconductors SA571 Datasheet HTML 3Page - NXP Semiconductors SA571 Datasheet HTML 4Page - NXP Semiconductors SA571 Datasheet HTML 5Page - NXP Semiconductors SA571 Datasheet HTML 6Page - NXP Semiconductors SA571 Datasheet HTML 7Page - NXP Semiconductors SA571 Datasheet HTML 8Page - NXP Semiconductors SA571 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product specification
SA571
Compandor
1997 Aug 14
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Maximum operating voltage
571
18
VDC
TA
Operating ambient temperature range
SA
-40 to +85
°C
PD
Power dissipation
400
mW
AC ELECTRICAL CHARACTERISTICS
VCC = +6V, TA = 25°C; unless otherwise stated.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA5715
UNITS
MIN
TYP
MAX
VCC
Supply voltage
6
18
V
ICC
Supply current
No signal
3.2
4.8
mA
IOUT
Output current capability
±20
mA
SR
Output slew rate
±.5
V/
µs
Gain cell distortion2
Untrimmed
Trimmed
0.5
0.1
2.0
%
Resistor tolerance
±5
±15
%
Internal reference voltage
1.65
1.8
1.95
V
Output DC shift3
Untrimmed
±30
±150
mV
Expandor output noise
No signal, 15Hz-20kHz1
20
60
µV
Unity gain level6
1kHz
-1.5
0
+1.5
dBm
Gain change2, 4
±0.1
dB
Reference drift4
+2, -25
+20, -50
mV
Resistor drift4
+8, -0
%
Tracking error (measured relative to
value at unity gain) equals [VO - VO
(unity gain)] dB - V2dBm
Rectifier input,
V2 = +6dBm, V1 = 0dB
V2 = -30dBm, V1 = 0dB
+0.2
+0.2
-1, +1.5
dB
Channel separation
60
dB
NOTES:
1. Input to V1 and V2 grounded.
2. Measured at 0dBm, 1kHz.
3. Expandor AC input change from no signal to 0dBm.
4. Relative to value at TA = 25°C.
5. Electrical characteristics for the SA571 only are specified over -40 to +85
°C temperature range.
6. 0dBm = 775mVRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com