Electronic Components Datasheet Search
  English  ▼

X  

MP2309 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2309
Description  1A, 23V, 340KHz Synchronous Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2309 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2309 Datasheet HTML 1Page - Monolithic Power Systems MP2309 Datasheet HTML 2Page - Monolithic Power Systems MP2309 Datasheet HTML 3Page - Monolithic Power Systems MP2309 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2309DS-00A – 1A, 23V, 340KHz SYNCHRONOUS STEP-DOWN EV BOARD
EV2309DS-00A Rev. 1.3
www.MonolithicPower.com
2
9/29/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
VIN
EN
SS
VOUT
3.3V / 1A
GND
C7
NS
U1
C3
3.3nF
D1
B130LAW
(optional)
C1
10nF
MP2309
BS
21
3
5
6
4
8
7
IN
FB
SW
SS
GND
COMP
EN
C4
NS
R5
NS
EV2309_S01
C8
NS
GND
C5
NS
EV2309DS-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer:
Manufacturer P/N
Distributor:
Distributor P/N
1
C1
10nF
Ceramic Capacitor, 50V,
X7R
0805
Panasonic:
ECJ-2VB1H223K
Digikey:
PCC223BGCT-ND
1
C2
10µF
Ceramic Capacitor, 25V,
X7R
1210
TDK:
C3225X7R1E106M
Digikey:
445-1434-1-ND
1
C3
3.3nF
Ceramic Capacitor, 50V,
X7R
0805
Panasonic:
ECJ-2VB1H332K
Digikey:
PCC332BNCT-ND
4
C4, C5,
C7, C8
NS
Not Stuffed
1
C6
0.1µF
Ceramic Capacitor, 50V,
X7R
0805
TDK:
C2012X7R1H104K
Digikey:
445-1349-1-ND
1
C9
22µF
Ceramic Capacitor, 16V,
X5R
1210
TDK:
C3225X5R1C226M
Digikey:
445-1436-1-ND
1
D1
Diode Schottky, 30V, 1A
SOD-123
Diodes Inc.:
B130LAW
Digikey:
B130LAWDICT-ND
1
L1
10µH
Inductor, 1.5A
SMD
Sumida:
CDRH6D26NP-100NB
1
R1
26.1kΩ Resistor, 1%
0805
Panasonic:
ERJ-6ENF2612V
Digikey:
P26.1KCCT-ND
1
R2
7.5kΩ
Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ752V
Digikey:
P7.5KACT-ND
1
R3
10kΩ
Resistor, 1%
0805
Panasonic:
ERJ-6ENF1002V
Digikey:
P10.0KCCT-ND
1
R4
100kΩ Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ104V
Digikey:
P100KACT-ND
1
R5
NS
Not Stuffed
1
U1
Step-Down Converter, 1A,
340KHz
SO8
MPS:
MP2309DS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com