Electronic Components Datasheet Search
  English  ▼

X  

MP2309 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2309
Description  1A, 23V, 340KHz Synchronous Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2309 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2309 Datasheet HTML 1Page - Monolithic Power Systems MP2309 Datasheet HTML 2Page - Monolithic Power Systems MP2309 Datasheet HTML 3Page - Monolithic Power Systems MP2309 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2309DS-00A – 1A, 23V, 340KHz SYNCHRONOUS STEP-DOWN EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV2309DS-00A Rev. 1.3
www.MonolithicPower.com
4
9/29/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
QUICK START GUIDE
1. Connect the positive terminal of the load to VOUT pins, and the negative terminal of the load to
GND pins.
2. Preset power supply output to 4.75V to 23V and turn off the power supply.
3. Connect the positive terminal of the power supply output to VIN pin, and the negative terminal of
the power supply output to GND pin.
4. Turn power supply on and the MP2309 will automatically startup.
5. To use Enable function, apply a digital input to EN pin. Drive EN higher than 2.5V to turn on the
regulator, drive EN less than 0.7V to turn it off.
6. An under voltage lockout (UVLO) function can be implemented by the addition of a resistor
divider R4 and R5. The EN threshold is 2.5V, so VIN UVLO threshold is:
V
5
.
2
5
R
4
R
1
×
⎟
⎠
⎞
⎜
⎝
⎛ +
.
RECOMMENDED COMPONENTS FOR STANDARD OUTPUT VOLTAGES
The output voltage of this board is set to 3.3V. This board is laid out to accommodate most commonly
used inductors and output capacitors and to be programmed for most standard output voltages. The
following table lists recommended components for some standard output voltages. Listed
compensation components (R2, C3) values are based on the output capacitor installed on this board.
VOUT
R1
R2
C3
L1
1.8V
9.53kΩ
4.99kΩ
4.7nF
4.7µH
2.5V
16.9kΩ
5.6kΩ
4.7nF
4.7µH to 6.8µH
3.3V
26.1kΩ
7.5kΩ
3.3nF
6.8µH to 10µH
5V
44.2Ω
10kΩ
3.3nF
10µH to 15µH
12V
121kΩ
25.5kΩ
2.2nF
33µH to 47µH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com