Electronic Components Datasheet Search
  English  ▼

X  

MP2309 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2309
Description  1A, 23V, 340KHz Synchronous Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2309 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2309 Datasheet HTML 1Page - Monolithic Power Systems MP2309 Datasheet HTML 2Page - Monolithic Power Systems MP2309 Datasheet HTML 3Page - Monolithic Power Systems MP2309 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2309DS-00A
1A, 23V, 340KHz Synchronous
Step-Down Converter Evaluation Board
EV2309DS-00A Rev. 1.3
www.MonolithicPower.com
1
9/29/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
GENERAL DESCRIPTION
The EV2309DS-00A is an evaluation board for
the MP2309, a monolithic synchronous buck
regulator.
The
device
integrates
140mΩ
MOSFETS that provide 1A continuous load
current over a wide operating input voltage of
4.75V to 23V. Current mode control provides
fast transient response and cycle-by-cycle
current limit.
An adjustable soft-start prevents inrush current
at turn-on. In shutdown mode, the supply
current is only 1µA.
This device, available in an 8-pin SOIC
package, provides a very compact system
solution with minimal reliance on external
components.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VIN
4.75 to 23
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
0 to 1
A
FEATURES
• Up to 1A Output Current
• Wide 4.75V to 23V Operating Input Range
• Monolithic Synchronous Buck with 140mΩ
High-Side and Low-Side FETs
• Fixed 340KHz Frequency
• All Ceramic Input and Output Capacitors
• Programmable Soft-Start
• Programmable Input Under Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Networking Systems
• FPGA, DSP, ASIC Power Systems
• Green Electronics/ Appliances
• Notebook Computers
“MPS” and “The Future of Analog IC Technology” are Trademarks of
Monolithic Power Systems, Inc.
EV2309DS-00A EVALUATION BOARD
(L x W x H) 2.0” x 1.5” x 0.5”
(5.0cm x 3.8cm x 1.2cm)
Board Number
MPS IC Number
EV2309DS-00A
MP2309
100
90
80
70
60
50
40
30
20
0
0.5
1.0
0.75
0.25
LOAD CURRENT (A)
MP2309-EC01
Efficiency vs
Load Current
VIN = 5V
VIN = 12V
VIN = 23V


Similar Part No. - MP2309

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2309 MPS-MP2309 Datasheet
337Kb / 10P
1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2309DS MPS-MP2309DS Datasheet
337Kb / 10P
1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
More results

Similar Description - MP2309

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
3A, 23V, 340KHz Synchronous Step-Down Converter
MP2309 MPS-MP2309 Datasheet
337Kb / 10P
1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com