Electronic Components Datasheet Search
  English  ▼

X  

CK-2125-R15MTK Datasheet(PDF) 14 Page - Kemet Corporation

Part # CK-2125-R15MTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK-2125-R15MTK Datasheet(HTML) 14 Page - Kemet Corporation

Back Button CK-2125-R15MTK Datasheet HTML 10Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 11Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 12Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 13Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 14Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 15Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 16Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 17Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 18Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
14
0603 Case Size Multilayer Chip Inductors for High Frequency (HK 1608 Series)
Ordering Code
Inductance
(nH)
Inductance
Tolerance
Q
min.
Measuring
Frequency
(MHz)
Typical Q
Self-resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω)
Maximum
Rated
Current
(mA)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
Frequency (MHz)
100
300
500
800 1000
min.
typ
max.
typ.
HK-1608-1N0STK
1.0
±0.3nH
8
100
14
30
40
70
90
10000
>13000
0.05
0.015
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-1N2STK
1.2
±0.3nH
8
100
14
30
40
70
90
10000
>13000
0.05
0.015
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-1N5STK
1.5
±0.3nH
8
100
14
26
34
47
50
6000
>13000
0.10
0.03
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-1N8STK
1.8
±0.3nH
8
100
10
18
24
30
34
6000
>13000
0.10
0.06
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-2N2STK
2.2
±0.3nH
8
100
12
22
29
37
40
6000
12000
0.10
0.06
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-2N7STK
2.7
±0.3nH
10
100
13
24
32
41
45
6000
11000
0.10
0.06
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-3N3STK
3.3
±0.3nH
10
100
14
25
33
42
47
6000
9000
0.12
0.06
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-3N9STK
3.9
±0.3nH
10
100
13
25
33
42
46
6000
8000
0.14
0.07
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-4N7STK
4.7
±0.3nH
10
100
13
25
33
42
47
4000
6500
0.16
0.08
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-5N6STK
5.6
±0.3nH
10
100
14
25
33
42
46
4000
5800
0.18
0.09
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-6N8JTK
6.8
±5%
10
100
14
25
33
43
47
4000
5600
0.22
0.11
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-8N2JTK
8.2
±5%
10
100
14
26
34
44
48
3500
5200
0.24
0.13
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-10NJTK
10
±5%
12
100
14
26
34
43
47
3400
4600
0.26
0.16
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-12NJTK
12
±5%
12
100
14
27
35
45
49
2600
4000
0.28
0.17
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-15NJTK
15
±5%
12
100
15
28
37
46
51
2300
3400
0.32
0.20
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-18NJTK
18
±5%
12
100
15
27
36
44
48
2000
3000
0.35
0.21
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-16O8-22NJTK
22
±5%
12
100
16
28
36
44
47
1600
2900
0.40
0.25
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-27NJTK
27
±5%
12
100
16
29
37
45
46
1400
2200
0.45
0.28
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-33NJTK
33
±5%
12
100
17
31
40
46
47
1200
1800
0.55
0.35
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-39NJTK
39
±5%
12
100
18
31
39
44
44
1100
1600
0.60
0.38
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-47NJTK
47
±5%
12
100
17
28
34
35
34
900
1600
0.70
0.45
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-56NJTK
56
±5%
12
100
17
28
34
34
31
900
1400
0.75
0.50
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-68NJTK
68
±5%
12
100
18
29
34
30
22
700
1200
0.85
0.55
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-82NJTK
82
±5%
12
100
18
28
33
27
-
600
1100
0.95
0.60
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-RI0JTK
100
±5%
12
100
18
27
28
16
-
600
1000
1.00
0.65
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-R12JTK
120
±5%
8
50
16
24
23
-
-
500
800
1.20
0.68
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-R15JTK
150
±5%
8
50
13
19
16
-
-
500
800
1.20
0.73
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-RI8JTK
180
±5%
8
50
13
18
12
-
-
400
700
1.30
0.85
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-R22JTK
220
±5%
8
50
12
16
-
-
-
400
600
1.50
0.95
300
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-R27JTK
270
±5%
8
50
14
15
-
-
-
400
550
1.90
1.34
150
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-R33JTK
330
±5%
8
50
14
-
-
-
-
350
480
2.10
1.53
150
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-R39JTK
390
±5%
8
50
13
-
-
-
-
350
410
2.30
1.72
150
0.8 ±0.15 (0.031 ±0.006)
4,000
HK-1608-R47JTK
470
±5%
8
50
13
-
-
-
-
300
360
2.60
2.04
150
0.8 ±0.15 (0.031 ±0.006)
4,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com