Electronic Components Datasheet Search
  English  ▼

X  

CK-2125-R15MTK Datasheet(PDF) 23 Page - Kemet Corporation

Part # CK-2125-R15MTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK-2125-R15MTK Datasheet(HTML) 23 Page - Kemet Corporation

Back Button CK-2125-R15MTK Datasheet HTML 19Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 20Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 21Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 22Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 23Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 24Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 25Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 26Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 27Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
23
Features:
Applications:
• Power supply units:
• Combats power line radiated and conducted noise
Large withstand voltage (allowable current up to 6A)
• Provides waveform correction of digital signals and high frequency noise
Resistant to high energy
countermeasures in various types of digital equipment
High reliability
• Automotive
• There are several variations of the standard (FBMJ) type
• Computer peripherals
HS for broadband
• Differential transmission line on USB and similar products
HM for upper MHz range applications
• Mobile devices which require lower power consumption
HL for GHz range applications
• The FBMH type is optimal for circuit designs which require impedance and large currents
Operating Temperature:
to combat radiated noise on power lines, etc.
• -40ºC to +85ºC (includes self-generated heat)
KEMET Designator
Material
HL, HM, HS - Contact KEMET for materials characteristics
Impedance
Examples: 330 = 33Ω
Ω
111 = 110Ω
Ω
132 = 1300Ω
Ω
Type
FBMJ
= Regular Type, FBMH = High current
Case Size
J 1608 (0603)
H 1608 (0603)
2125 (0805)
2012 (0805)
3216 (1206)
2016 (0806)
4516 (1806)
3216 (1206)
3225 (1210)
4516 (1806)
4525 (1810)
4532 (1812)
FBMJ
3216
HL
330
K
Characteristic
Code
Dim.
Code
EIA
Case
Size
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
J
1608
0603
1.6 ±0.2
(0.063 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.3 ±0.2
(0.012 ±0.008)
2125
0805
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.85 ±0.2
(0.02 ±0.002)
0.5 ±0.3
(0.020 ±0.012)
3216
1206
3.2 ±0.3
(0.126 ±0.012)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
4516
1806
4.5 ±0.3
(0.177 ±0.012)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
H
1608
0603
1.6 ±0.1
(0.063 ±0.004)
0.8 ±0.1
(0.031 ±0.004)
0.8 ±0.1
(0.031 ±0.004)
0.3 ±0.15
(0.012 ±0.006)
2012
0805
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.85 ±0.2
(0.02 ±0.002)
0.5 ±0.3
(0.020 ±0.012)
2016
0806
2.0 ±0.2
(0.079 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
3216
1206
3.2 ±0.3
(0.126 ±0.012)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
3225
1210
3.2 ±0.3
(0.126 ±0.012)
2.5 ±0.3
(0.098 ±0.012)
2.5 ±0.3
(0.098 ±0.012)
0.5 ±0.3
(0.020 ±0.012)
4516
1806
4.5 ±0.3
(0.177 ±0.012)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
4525
1810
4.5 ±0.4
(0.177 ±0.016)
2.5 ±0.3
(0.098 ±0.012)
2.5 ±0.3
(0.098 ±0.012)
0.9 ±0.6
(0.035 ±0.024)
4532
1812
4.5 ±0.4
(0.177 ±0.016)
3.2 ±0.3
(0.126 ±0.012)
3.2 ±0.3
(0.126 ±0.012)
0.9 ±0.6
(0.035 ±0.024)
E
T
W
L
High Current Ferrite Chip Beads - FB Series M Type
Part Numbering Table
Dimension Table in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com