Electronic Components Datasheet Search
  English  ▼

X  

CK-2125-R15MTK Datasheet(PDF) 15 Page - Kemet Corporation

Part # CK-2125-R15MTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK-2125-R15MTK Datasheet(HTML) 15 Page - Kemet Corporation

Back Button CK-2125-R15MTK Datasheet HTML 11Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 12Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 13Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 14Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 15Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 16Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 17Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 18Page - Kemet Corporation CK-2125-R15MTK Datasheet HTML 19Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
15
0805 Case Size Multilayer Chip Inductors for High Frequency (HK 2125 Series)
Ordering Code
Inductance
(nH)
Inductance
Tolerance
Q
min.
Measuring
Frequency
(MHz)
Typical Q
Self-resonant
Frequency
(MHz)
DC Resistance
(
Ω
Ω)
Maximum
Rated
Current
(mA)
Thickness mm
(inches)
Tape & Reel
Packaging
Quantity
Frequency (MHz)
100
300
500
800 1000
min.
typ.
max.
typ.
HK-2125-1N5STK
1.5
±0.3nH
10
100
21
39
57
61
68
4000
>6000
0.10
0.02
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-1N8STK
1.8
±0.3nH
10
100
18
35
49
55
59
4000
>6000
0.10
0.02
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-2N2STK
2.2
±0.3nH
10
100
18
33
46
53
58
4000
>6000
0.10
0.03
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2I25-2N7STK
2.7
±0.3nH
12
100
19
36
50
56
60
4000
>6000
0.10
0.03
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-3N3STK
3.3
±0.3nH
12
100
16
29
40
47
51
4000
>6000
0.13
0.04
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-3N9STK
3.9
±0.3nH
12
100
18
33
46
54
60
4000
>6000
0.15
0.05
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-4N7STK
4.7
±0.3nH
12
100
18
34
46
55
60
3500
>6000
0.20
0.05
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-5N6STK
5.6
±0.3nH
15
100
20
38
51
60
66
3200
5400
0.23
0.05
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-6N8JTK
6.8
±5%
15
100
20
39
52
63
69
2800
4200
0.25
0.06
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-8N2JTK
8.2
±5%
15
100
21
40
54
63
70
2400
3700
0.28
0.07
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-10NJTK
10
±5%
15
100
20
38
51
60
67
2100
3100
0.30
0.09
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-I2NJTK
12
±5%
15
100
21
39
52
60
67
1900
3000
0.35
0.10
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-15NJTK
15
±5%
15
100
22
42
55
63
72
1600
2600
0.40
0.11
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-18NJTK
18
±5%
15
100
24
44
57
63
72
1500
2300
0.45
0.13
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-22NJTK
22
±5%
18
100
23
43
55
60
69
1400
2100
0.50
0.16
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-27NJTK
27
±5%
18
100
23
42
53
58
68
1300
1800
0.55
0.17
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-33NJTK
33
±5%
18
100
24
43
54
55
60
1200
1700
0.60
0.19
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-39NJTK
39
±5%
18
100
23
41
50
47
47
1000
1400
0.65
0.25
300
0.85 ±0.2 (0.033 ±0.008)
4,000
HK-2125-47NJTK
47
±5%
18
100
23
41
49
43
41
900
1200
0.70
0.26
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-56NJTK
56
±5%
18
100
23
42
48
39
38
800
1100
0.75
0.28
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-68NJTK
68
±5%
18
100
25
42
45
30
-
700
900
0.80
0.33
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-82NJTK
82
±5%
18
100
24
41
41
600
800
0.90
0.37
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-R10JTK
100
±5%
18
100
23
37
37
600
800
0.90
0.40
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2I25-R12JTK
120
±5%
13
50
22
33
29
-
500
700
0.95
0.43
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-RI5JTK
150
±5%
13
50
22
34
26
-
500
700
1.00
0.46
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-RI8JTK
180
±5%
13
50
23
34
20
-
400
600
1.10
0.50
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-R22JTK
220
±5%
12
50
20
23
350
550
1.20
0.75
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-R27JTK
270
±5%
12
50
20
19
300
480
0.30
0.85
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2I25-R33JTK
330
±5%
12
50
22
15
250
400
1.40
0.90
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2125-R39JTK
390
±5%
10
50
17
12
250
400
1.30
0.85
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
HK-2I25-R47JTK
470
±5%
10
50
17
200
350
0.50
0.95
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com