Electronic Components Datasheet Search
  English  ▼

X  

SA620 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA620
Description  Low voltage LNA, mixer and VCO - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA620 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA620 Datasheet HTML 2Page - NXP Semiconductors SA620 Datasheet HTML 3Page - NXP Semiconductors SA620 Datasheet HTML 4Page - NXP Semiconductors SA620 Datasheet HTML 5Page - NXP Semiconductors SA620 Datasheet HTML 6Page - NXP Semiconductors SA620 Datasheet HTML 7Page - NXP Semiconductors SA620 Datasheet HTML 8Page - NXP Semiconductors SA620 Datasheet HTML 9Page - NXP Semiconductors SA620 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA620
Low voltage LNA, mixer and VCO — 1GHz
December 15, 1993
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
CH1
S12
100 mU FS
4:
92.09 mU
-82.944
°
1100.000 000 MHz
START
800.000 000
MHz
STOP
1200.000 000
MHz
1:
2:
3:
77.911 mU
-41.727
°
800 MHz
84.28 mU
-55.909
°
900 MHz
89.053 mU
-70.55
°
1 GHz
CH1
S21
4
U
FS
4:
2.7788 U
-60.419
°
1100.000 000 MHz
START
800.000 000
MHz
STOP
1200.000 000
MHz
1:
2:
3:
3.8929U
-2.5227
°
800 MHz
3.3016U
-22.365
°
900 MHz
3.0718U
-41.955
°
1 GHz
Figure 3. LNA Transmission and Isolation Characteristics (at Device Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com