Electronic Components Datasheet Search
  English  ▼

X  

SA620 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA620
Description  Low voltage LNA, mixer and VCO - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA620 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA620 Datasheet HTML 1Page - NXP Semiconductors SA620 Datasheet HTML 2Page - NXP Semiconductors SA620 Datasheet HTML 3Page - NXP Semiconductors SA620 Datasheet HTML 4Page - NXP Semiconductors SA620 Datasheet HTML 5Page - NXP Semiconductors SA620 Datasheet HTML 6Page - NXP Semiconductors SA620 Datasheet HTML 7Page - NXP Semiconductors SA620 Datasheet HTML 8Page - NXP Semiconductors SA620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA620
Low voltage LNA, mixer and VCO — 1GHz
December 15, 1993
5
Figure 1. A Complete LNA, Mixer and VCO
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LNA ENABLE
LNA GND
LNA IN
LNA GND
LNA GND
MIXER PD
OSC PD
OSC1
OSC2
Vcc
LNA GND
LNA OUT
LNA BIAS
MIXER IN
MIXER GND
MIXER BYPASS
MIXER OUT
OSC GND
OSC GND
VCO OUT
LNA IN
C1
C23
C22
L1
56nH
C2
1.8pF
C3
C4
C6
L3
2.7nH
C7
3.3pF
D1
SMV 1204 - 099
Alpha Industries
R2
R1
C8
GND
100pF
R6
C19
100pF
C18
2.2pF
LNA OUT
C17
100pF
MIXER IN
C16
5.6pF
C14
1-5pF
R = 9k x (VCC – 1)
VCC
C20
100pF
C21
C13
12pF
L4
150nH
C15
R5
C12
10pF
MIXER OUT
L = 260 mils
w = 15 mils
VCO OUT
C9
100pF
R3
C10
100pF
VCC
1
µF
0.44
µF/(VCC–1)
0.1
µF
0.1
µF
10
µF
100pF
0.1
µF
0.1
µF
(50
Ω)
V_CONTROL
(0 to VCC)
VCC
SA620
VCC
LNA ENABLE
51
Ω
(1k
Ω, 83MHz)
10k
Ω
22
Ω
10k
Ω
L = 260 mils
w = 15 mils
L2
2.7nH
C5
3.9pF
4.7nH
535 mils
4.7nH
535 mils
4.7nH
535 mils
4.7nH
535 mils
L = 160 mils
w = 15 mils
C11
1000pF
R4
1k
Ω
MIXER OUT
(50
Ω, 83MHz)
CIRCUIT TECHNOLOGY
LNA
Impedance Match: Intrinsic return loss at the
input and output ports is 7dB and 9dB,
respectively. With no external matching, the
associated LNA gain is
≈10dB and the noise
figure is
≈1.4dB. However, the return loss
can be improved at 900MHz using suggested
L/C elements (Figure NO TAG) as the LNA is
unconditionally stable.
Noise Match: The LNA achieves 1.6dB
noise figure at 900MHz when S11 = -10dB.
Further improvements in S11 will slightly
increase the NF and S21.
Thru-Mode: A series switch can be activated
to feed RF signals from LNA input to output
with an attenuator (S21 = –7.5dB). As a
result, the power handling is greatly improved
and current consumption is decreased by
3.2mA as well. However, if this mode is not
required, C23 and R6 can be deleted.
Temperature Compensation: The LNA has
a built-in temperature compensation scheme
to reduce the gain drift to 0.003dB/
°C from
–40
°C to +85°C.
Supply Voltage Compensation: Unique
circuitry provides gain stabilization over wide
supply voltage range. The gain changes no
more than 0.5dB when VCC increases from
3V to 5V.
Mixer
Input Match: The mixer is configured for
maximum gain and best noise figure. The
user needs to supply L/C elements to
achieve this performance.
Mixer Bypass: To optimize the IP3 of the
mixer input, one must adjust the value of C14
for the given board layout. The value
typically lies between 1 and 5pF. Once a
value if selected, a fixed capacitor can be
used. Further improvements in mixer IP3 can
be achieved by inserting a resistive loss at
the mixer input, at the expense of system
gain and noise figure.
Tracking Bandpass Filter: At the LO input
port of the mixer there is a second-order
bandpass filter (approx. 50MHz bandwidth)
which will track the VCO center frequency.
The result is the elimination of low frequency
noise injected into the mixer LO port without
the need for an external LO filter.
Power Down: The mixer can be disabled by
connecting Pin 7 to ground. If a Schottky
diode is connected between Pin 1 (cathode)
and Pin 7 (anode), the LNA disable signal will
control both LNA and mixer simultaneously
When the mixer is disabled, 3mA is saved.
Test Port: Resistor R5 can be substituted
with an external test port of 50
Ω input
impedance. Since R5 and MIXER OUT have
the same output power, the result is a direct
power gain measurement.
VCO
Automatic Leveling Loop: An on-chip
detector and loop amplifier will adjust VCO
bias current to regulate the VCO amplitude
regardless of the Q-factor (>10) of the
resonator and varactor diode. However, the
real current reduction will not occur until the
VCO frequency falls below 500MHz. For a
typical resonator the steady-state current is
3mA at 800MHz.
Buffered VCO Output: The VCO OUT (Pin
11) signal can drive an external prescaler
directly (see also the Philips SA7025 low
voltage, fractional-N synthesizer). The
extracted signal levels need to be limited to
–16dBm or less to maintain mixer IIP3.
Phase Noise: If close-in phase noise is not
critical, or if an external synthesizer is used,
C4 (Pin 8) can be decreased to a lower
value.
Power-Down: The VCO can be disabled by
connecting Pin 8 to ground. If a Schottky
diode is connected between Pin 1 (cathode)
and Pin 8 (anode), the LNA disable signal will
control both LNA and VCO simultaneously.
When the VCO is disabled, 3mA is saved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com