Electronic Components Datasheet Search
  English  ▼

X  

SA620 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA620
Description  Low voltage LNA, mixer and VCO - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA620 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA620 Datasheet HTML 3Page - NXP Semiconductors SA620 Datasheet HTML 4Page - NXP Semiconductors SA620 Datasheet HTML 5Page - NXP Semiconductors SA620 Datasheet HTML 6Page - NXP Semiconductors SA620 Datasheet HTML 7Page - NXP Semiconductors SA620 Datasheet HTML 8Page - NXP Semiconductors SA620 Datasheet HTML 9Page - NXP Semiconductors SA620 Datasheet HTML 10Page - NXP Semiconductors SA620 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA620
Low voltage LNA, mixer and VCO — 1GHz
December 15, 1993
10
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
4.00
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
LNA IP3 (Enabled) vs. Supply Voltage
2.00
0.00
-2.00
-4.00
-6.00
-8.00
-10.00
-40
25
85
14.00
11.00
8.00
5.00
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
LNA Gain (Enabled) vs. Supply Voltage
2.50
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
LNA Noise Figure (Enabled) vs. Supply Voltage
2.00
1.50
1.00
0.50
0.00
LNA Gain (Disabled) vs. Supply Voltage
-40
25
85
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
0.00
-5.00
-10.00
-15.00
12.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
Mixer Noise Figure vs. Supply Voltage
11.0
10.0
9.0
8.0
7.0
6.0
3.5
-40
25
85
2.5
3
3.5
4
4.5
5
5.5
3.0
2.5
2.0
1.5
1.0
0.5
VCC (V)
Mixer Power Gain vs. Supply Voltage
0.0
-30
-31
-32
-33
-34
-35
-36
-37
-38
-39
-40
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
LO to Mixer In Leakage vs. Supply Voltage
-40
-40
25
85
-41
-42
-43
-44
-45
-46
-47
-48
-49
-50
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
LO to RF In Leakage vs. Supply Voltage
TEMPERATURE (
°C)
TEMPERATURE (
°C)
TEMPERATURE (
°C)
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com