Electronic Components Datasheet Search
  English  ▼

X  

SA01 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # SA01
Description  THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

SA01 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  SA01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR ARRAY〉
SA01, SA02, SA04, SA07
THYRISTOR ARRAY
SA SERIES FOR STROBE FLASHER
1000
800
600
400
200
0
220
120
140
160
180
200
1000
800
600
400
200
0
220
120
140
160
180
200
VCM = 350V Ta = 25°C
L = 25µH
SEE FIG.1
1.8
1.6
1.4
1.2
1.0
0.8
100
50
10
0
20 30 40
60 70 80 90
1.7
1.5
1.3
1.1
0.9
TYPICAL EXAMPLE
101
103
7
5
3
2
–20
0
20
102
7
5
3
2
40
60
80
4
4
–10
10
30
50
70
TYPICAL EXAMPLE
SA01,07 AUX THYRISTOR
SA02,04 AUX THYRISTOR
102
23
100
57 101 23 5 7 102 23 5 7 103
104
7
5
3
2
103
7
5
3
2
7
5
3
2
101
TYPICAL EXAMPLE
MAIN
THYRISTOR
SA01,07 AUX THYRISTOR
SA02,04 AUX THYRISTOR
1400
1200
1000
800
600
400
260
160
180
200
220
240
VCM = 350V
L = 25µH
Ta = 25°C
SEE FIG.1
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE TRIGGER CURRENT VS.
GATE TRIGGER PULSE WIDTH
GATE TRIGGER PULSE WIDTH (µs)
COMMUTATING CHARACTERISTICS
(SA01,SA02)
PEAK ON-STATE CURRENT (A)
COMMUTATING CHARACTERISTICS
(SA07)
PEAK ON-STATE CURRENT (A)
COMMUTATING CHARACTERISTICS
(SA04)
PEAK ON-STATE CURRENT (A)
COMMUTATING CAPACITOR VS.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com