Electronic Components Datasheet Search
  English  ▼

X  

SA01 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # SA01
Description  THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

SA01 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  SA01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR ARRAY〉
SA01, SA02, SA04, SA07
THYRISTOR ARRAY
SA SERIES FOR STROBE FLASHER
SA01, SA02, SA04, SA07
APPLICATION
Automatic strobe flasher
Symbol
VDRM
V1
VDSM V1
VRRM
–
IFGM
Topr
Tstg
Parameter
Repetitive peak off-state voltage
Non-repetitive peak off-state voltage
Repetitive peak reverse voltage
Pulse current ability
Peak gate forward current
Operating ambient temperature
Storage temperature
Unit
V
V
V
A
A
°C
°C
Main
400
400
See electrical characteristics
–20 ~ +60
–40 ~ +125
SA01
Main
Aux
SA02
SA04
SA07
Aux
480
600
480
600
480
600
450
600
0.5
0.3
0.5
1.0
1.0
0.5
0.3
1.0
MAXIMUM RATINGS (Ta= –20 ~ +60
°C, unless otherwise noted)
1
2
3
4
5
MAIN THYRISTOR: ANODE
MAIN THYRISTOR: GATE
MAIN AND AUX. THYRISTOR: CATHODE
AUX. THYRISTOR: GATE
AUX. THYRISTOR: ANODE
OUTLINE DRAWING
Dimensions
in mm
2
1
15
4
× 3=12
+0.5
0
1
0.5
3
1
0.5
1
4 MAX
34
5
5
24
3
SA SERIES
1
FAMILY CONSTITUTION
Application
Compact strobe
Middle class strobe
Built-in strobe
Commutating characteristics
CM=700
µF, ITM=200A,
CC=2.2
µF
CM=1000
µF, ITM=230A,
CC=2.5
µF
CM=700
µF, ITM=200A,
CC=1.4
µF
Guide No.
(ASA100)
25
32
25
Type
SA01
SA02
SA04
SA07
Aux thyristor
High sensitive IGT
≤=250µA
High holding current IH
≥ 25mA
High holding current IH
≥ 25mA
High sensitive IGT
≤ 250µA
Main
Aux
Main
Aux
V1. Connect 1k
Ω resistor between gate to cathode.


Similar Part No. - SA01

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 CIRRUS-SA01 Datasheet
213Kb / 5P
Pulse Width Modulation Amplifier
SA01-6 APEX-SA01-6 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01-6 CIRRUS-SA01-6 Datasheet
213Kb / 5P
Pulse Width Modulation Amplifier
More results

Similar Description - SA01

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT20VSL-8 POWEREX-CT20VSL-8 Datasheet
26Kb / 2P
STROBE FLASHER USE
CT30VS-8 POWEREX-CT30VS-8 Datasheet
27Kb / 2P
STROBE FLASHER USE
CY20AAJ-8F POWEREX-CY20AAJ-8F Datasheet
21Kb / 2P
Nch IGBT for STROBE FLASHER
logo
Renesas Technology Corp
CY25BAH-8F RENESAS-CY25BAH-8F Datasheet
177Kb / 5P
Nch IGBT for Strobe Flasher
Rev.3.00,Nov 29, 2005,
CT40KM-8H RENESAS-CT40KM-8H Datasheet
110Kb / 5P
Nch IGBT for Strobe Flasher
CY20AAH-8F RENESAS-CY20AAH-8F Datasheet
98Kb / 5P
Nch IGBT for Strobe Flasher
CY20AAJ-8F RENESAS-CY20AAJ-8F Datasheet
196Kb / 5P
Nch IGBT for Strobe Flasher
CY20AAJ-8H RENESAS-CY20AAJ-8H Datasheet
73Kb / 5P
Nch IGBT for Strobe Flasher
CY25AAJ-8F RENESAS-CY25AAJ-8F Datasheet
102Kb / 5P
Nch IGBT for Strobe Flasher
CY20AAH-8F RENESAS-CY20AAH-8F_15 Datasheet
118Kb / 7P
Nch IGBT for Strobe Flasher
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com