Electronic Components Datasheet Search
  English  ▼

X  

SA01 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # SA01
Description  THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

SA01 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  SA01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor SA01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR ARRAY〉
SA01, SA02, SA04, SA07
THYRISTOR ARRAY
SA SERIES FOR STROBE FLASHER
Symbol
IDRM
IRRM
IGT
VGT
IH
Unit
µA
µA
mA
V
mA
V1. Connect 1k
Ω resistor between gate to cathode.
V2. Minimum value
SA01
SA02
SA04
SA07
Main
100
100
30
1.5
—
Aux
20
20
0.25
1.0
1.0
Parameter
Repetitive peak off-state current V1
Repetitive peak reverse current
Gate trigger current
Gate trigger voltage
Holding current V2
ELECTRICAL CHARACTERISTICS (Ta=25
°C, unless otherwise noted)
Main
100
100
30
1.5
—
Aux
100
100
30
1.5
25
Main
100
100
50
2.0
—
Aux
100
100
30
1.5
25
Main
100
100
80
1.5
—
Aux
20
20
0.25
1.0
1.0
47n
CC
υ trg
22k
i1
i5
iG
1k
L
CM
VCM
+
−
10k
10
470 470
SR1FM
10n
15
2
4
3
12345
2
15
4
2
3
0
IP
υ trg
0
0
0
iG
i1
i5
iG
tw
t
t
t
t
SAOX
SA120
AUX THYRISTOR
MAIN THYRISTOR
47n
Fig. 1 Test circuit
Fig. 3 Pin position and Equivalent circuit
Fig. 2 The voltage and current waveforms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com