Electronic Components Datasheet Search
  English  ▼

X  

SA625 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA625
Description  High performance low power mixer FM IF system with high-speed RSSI
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA625 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA625 Datasheet HTML 1Page - NXP Semiconductors SA625 Datasheet HTML 2Page - NXP Semiconductors SA625 Datasheet HTML 3Page - NXP Semiconductors SA625 Datasheet HTML 4Page - NXP Semiconductors SA625 Datasheet HTML 5Page - NXP Semiconductors SA625 Datasheet HTML 6Page - NXP Semiconductors SA625 Datasheet HTML 7Page - NXP Semiconductors SA625 Datasheet HTML 8Page - NXP Semiconductors SA625 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
SA625
High performance low power mixer FM IF system
with high-speed RSSI
1997 Nov 07
5
AC ELECTRICAL CHARACTERISTICS(Continued)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA625
UNITS
MIN
TYP
MAX
IF section (continued)
Unmuted audio output resistance
58
k
Ω
Muted audio output resistance
58
k
Ω
RF/IF section (int LO)
Unmuted audio level
4.5V = VCC, RF level = -27dBm
450
mVRMS
System RSSI output
4.5V = VCC, RF level = -27dBm
4.3
V
NOTE:
1. The generator source impedance is 50
Ω, but the SA625 input impedance at Pin 18 is 1500Ω. As a result, IF level refers to the actual signal
that enters the SA625 input (Pin 8) which is about 21dB less than the ”available power” at the generator.
CIRCUIT DESCRIPTION
The SA625 is an IF signal processing system suitable for second IF
or single conversion systems with input frequency as high as 1GHz.
The bandwidth of the IF amplifier is about 40MHz, with 39.7dB(v) of
gain from a 50
Ω source. The bandwidth of the limiter is about
28MHz with about 62.5dB(v) of gain from a 50
Ω source. However,
the gain/bandwidth distribution is optimized for 455kHz, 1.5k
Ω
source applications. The overall system is well-suited to battery
operation as well as high performance and high quality products of
all types.
The input stage is a Gilbert cell mixer with oscillator. Typical mixer
characteristics include a noise figure of 5dB, conversion gain of
13dB, and input third-order intercept of -10dBm. The oscillator will
operate in excess of 1GHz in L/C tank configurations. Hartley or
Colpitts circuits can be used up to 100MHz for xtal configurations.
Butler oscillators are recommended for xtal configurations up to
150MHz.
The output of the mixer is internally loaded with a 1.5k
Ω resistor
permitting direct connection to a 455kHz ceramic filter. The input
resistance of the limiting IF amplifiers is also 1.5k
Ω. With most
455kHz ceramic filters and many crystal filters, no impedance
matching network is necessary. To achieve optimum linearity of the
log signal strength indicator, there must be a 12dB(v) insertion loss
between the first and second IF stages. If the IF filter or interstage
network does not cause 12dB(v) insertion loss, a fixed or variable
resistor can be added between the first IF output (Pin 16) and the
interstage network.
The signal from the second limiting amplifier goes to a Gilbert cell
quadrature detector. One port of the Gilbert cell is internally driven
by the IF. The other output of the IF is AC-coupled to a tuned
quadrature network. This signal, which now has a 90
° phase
relationship to the internal signal, drives the other port of the
multiplier cell.
Overall, the IF section has a gain of 90dB. For operation at
intermediate frequencies greater than 455kHz, special care must be
given to layout, termination, and interstage loss to avoid instability.
The demodulated output of the quadrature detector is available at
two pins, one continuous and one with a mute switch. Signal
attenuation with the mute activated is greater than 60dB. The mute
input is very high impedance and is compatible with CMOS or TTL
levels.
A log signal strength completes the circuitry. The output range is
greater than 90dB and is temperature compensated. This log signal
strength indicator exceeds the criteria for AMPs or TACs cellular
telephone.
NOTE: dB(v) = 20log VOUT/VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com