Electronic Components Datasheet Search
  English  ▼

X  

SA625 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA625
Description  High performance low power mixer FM IF system with high-speed RSSI
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA625 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA625 Datasheet HTML 3Page - NXP Semiconductors SA625 Datasheet HTML 4Page - NXP Semiconductors SA625 Datasheet HTML 5Page - NXP Semiconductors SA625 Datasheet HTML 6Page - NXP Semiconductors SA625 Datasheet HTML 7Page - NXP Semiconductors SA625 Datasheet HTML 8Page - NXP Semiconductors SA625 Datasheet HTML 9Page - NXP Semiconductors SA625 Datasheet HTML 10Page - NXP Semiconductors SA625 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
SA625
High performance low power mixer FM IF system
with high-speed RSSI
1997 Nov 07
7
20
RSSI
OSCILLATOR
LIMITER
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
IF AMP
MUTE
RSSI
OUTPUT
AUDIO UNMUTED
AUDIO
C14
IFT1
C13
C12
C11
C10
C9
C8
C7
C6
R9
R10
R11
X1
L2
VCC
C5
C2
C1
L1
C18
C15
C17
FLT2
C23
C21
R17
5.1k
FLT1
100pF NPO Ceramic
390pF NPO Ceramic
22pF NPO Ceramic
1nF Ceramic
10.0pF NPO Ceramic
10pF NPO Ceramic
100nF
±10% Monolithic Ceramic
100nF
±10% Monolithic Ceramic
100nF
±10% Monolithic Ceramic
100nF
±10% Monolithic Ceramic
15nF
±10% Ceramic
100nF
±10% Monolithic Ceramic
150pF
±2% N1500 Ceramic
100nF
±10% Monolithic Ceramic
6.8
µF Tantalum (minimum) *
C21
C23
C25
Flt 1
Flt 2
IFT 1
L1
L2
X1
R9
R17
R5
R10
R11
100nF
±10% Monolithic Ceramic
100nF
±10% Monolithic Ceramic
100k
±1% 1/4W Metal Film (optional)
100k
±1% 1/4W Metal Film (optional)
Not Used in Application Board (see Note 8)
5.1k
±5% 1/4W Carbon Composition
100k
±1% 1/4W Metal Film
44.545MHz Crystal ICM4712701
0.8
µH nominal
Toko 292CNS–T1038Z
455kHz (Ce = 180pF) Toko RMC–2A6597H
Ceramic Filter Murata SFG455A3 or equiv
Ceramic Filter Murata SFG455A3 or equiv
100nF
±10% Monolithic Ceramic
147–160nH Coilcraft UNI–10/142–04J08S
C1
C2
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C17
C18
R5
C25
QUAD
DETECTOR
MUTE
SWITCH
MIXER
700
Application Component List
45MHz
INPUT
*NOTE: This value can be reduced when a battery is the power source.
SR00459
Figure 4. SA625 45MHz Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com