Electronic Components Datasheet Search
  English  ▼

X  

SA625 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA625
Description  High performance low power mixer FM IF system with high-speed RSSI
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA625 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA625 Datasheet HTML 6Page - NXP Semiconductors SA625 Datasheet HTML 7Page - NXP Semiconductors SA625 Datasheet HTML 8Page - NXP Semiconductors SA625 Datasheet HTML 9Page - NXP Semiconductors SA625 Datasheet HTML 10Page - NXP Semiconductors SA625 Datasheet HTML 11Page - NXP Semiconductors SA625 Datasheet HTML 12Page - NXP Semiconductors SA625 Datasheet HTML 13Page - NXP Semiconductors SA625 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Philips Semiconductors
Product specification
SA625
High performance low power mixer FM IF system
with high-speed RSSI
1997 Nov 07
12
RFINP–28dBm
RFINP–38dBm
RFINP–56dBm
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (
°C)
1.00
SR00468
Figure 10. SA625 Rise Time 10.7MHz IF Frequency
RFINP–28dBm
RFINP–38dBm
RFINP–56dBm
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (
°C)
SR00469
Figure 11. SA625 Fall Time 10.7MHz IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com