Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216IB Datasheet(PDF) 20 Page - Exar Corporation

Part # XRT83SL216IB
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216IB Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRT83SL216IB Datasheet HTML 16Page - Exar Corporation XRT83SL216IB Datasheet HTML 17Page - Exar Corporation XRT83SL216IB Datasheet HTML 18Page - Exar Corporation XRT83SL216IB Datasheet HTML 19Page - Exar Corporation XRT83SL216IB Datasheet HTML 20Page - Exar Corporation XRT83SL216IB Datasheet HTML 21Page - Exar Corporation XRT83SL216IB Datasheet HTML 22Page - Exar Corporation XRT83SL216IB Datasheet HTML 23Page - Exar Corporation XRT83SL216IB Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
XRT83SL216
18
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
1.7
ARAOS (Automatic Receive All Ones)
If ARAOS is enabled in the appropriate channel register and an RLOS condition occurs, the Receiver outputs
will generate an All Ones pattern using MCLK as reference. When RLOS clears, the All Ones pattern ends and
the Receive path returns to normal operation.
1.8
RPOS/RNEG/RCLK
The digital output data can be programmed to either single rail or dual rail formats. Figure 8 is a timing diagram
of a repeating "0011" pattern in single-rail mode. Figure 9 is a timing diagram of the same fixed pattern in dual
rail mode.
FIGURE 7. SIMPLIFIED BLOCK DIAGRAM OF THE ARAOS FUNCTION
FIGURE 8. SINGLE RAIL MODE WITH A FIXED REPEATING "0011" PATTERN
FIGURE 9. DUAL RAIL MODE WITH A FIXED REPEATING "0011" PATTERN
Rx
All "1's"
Generator
RPOS
ARAOS
RLOS
RNEG
Timing derived
from MCLK
RCLK
RPOS
00
0
1
1
RCLK
RPOS
0
0
0
1
1
RNEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com